Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 101Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 133 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 90
Version 0.93
5.4 J BUS MODE PINOUT
Table 5-6. J Bus Mode Interface Pin Description
J Bus Mode
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
ALE
Address Latch Enable
1
O
TS
8 mA
161
Asserted during the address phase and negated before the data phase.
ADS#
Address Strobe
1
I/O
TS
12 mA
154
Indicates the valid address and the start of a new bus access. Asserted
for the first clock of a bus access.
BLAST#
Burst Last
1
I/O
TS
8 mA
155
Signal driven by the current local bus master to indicate the last transfer
in a bus access.
BTERM#
Burst Terminate
1
I
146
For processors that burst up to 4 Lwords. If BTERM# is disabled
through the PCI 9080 configuration registers, the PCI 9080 also bursts
up to 4 Lwords. If enabled, the PCI 9080 continues to burst until a
BTERM# input is asserted. BTERM# is a ready input that breaks up a
burst cycle and causes another address cycle to occur. Used in
conjunction with the PCI 9080 programmable wait state generator.
DEN#
Data Enable
1
I/O
TS
12 mA
145
As an input, DEN# must only be asserted during data phases. For
processor systems in which ADS# is not asserted during the data
phase, DEN# can be pulled high.
As an output, DT/R# is used in conjunction with DEN# to provide control
for data transceivers attached to the local bus.
DT/R#
Data Transmit/Receive
1
O
TS
12 mA
138
Used in conjunction with DEN# to provide control for data transceivers
attached to the local bus. When asserted the signal indicates the PCI
9080 receives data.
LW/R#
Write/Read
1
I/O
TS
12 mA
137
Asserted low for reads and high for writes.
LABS[3:2]
Address Bus Burst
2
I/O
TS
8 mA
162,163
Carries the word address of the 32 bit memory address. These bits are
incremented during a burst access.
LAD[31:0]
Address/Data Bus
32
I/O
TS
8 mA
136, 135,
133-125,
122-115,
113-106,
103-99
During the address phase, the bus carries the upper 30 bits of the
physical address bus. During the data phase, the bus carries 32 bits of
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com