Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 39Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 40Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 41Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 42Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 43Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 44Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 45Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 46Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 133 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 35
Version 0.93
interrupt. The interrupt is recorded in the Queue Status
Control (QSR) Register.
From the time that the PCI write transaction is received
until the data is written into local memory and the
Outbound Free Head Pointer Register is incremented,
any PCI direct slave access to the PCI 9080 is issued a
RETRY.
Table 3-5. Circular FIFO Summary
FIFO
Name
PCI
Port
Generate PCI
Interrupt?
Generate Local
Interrupt
Head Pointer
Maintained by
Tail Pointer
Maintained by
Inbound Free
List FIFO
Inbound Queue
Port (Host read)
No
No
Local
processor
MU hardware
Inbound Post
List FIFO
Inbound Queue
Port (Host write)
No
Yes, when Port
is written
MU hardware
Local
processor
Outbound Post
List FIFO
Outbound Queue
Port (Host read)
Yes, when FIFO
is not empty
No
Local
processor
MU hardware
Outbound Free
List FIFO
Outbound Queue
Port (Host write)
No
Yes, (LSERR) when
FIFO full
MU hardware
Local
processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com