Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 90Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 91Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 92Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 133 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 86
Version 0.93
Table 5-4. Local Bus Mode and Processor Independent Interface Pin Description
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
ADMODE
Address Decode Mode
1
I
20
Determines how S[2:0] are used to access the PCI 9080 internal
registers.
BIGEND#
Big Endian Select
1
I
48
Can be asserted during the local bus address phase of a Direct Master
transfer or a configuration register access to specify use of Big Endian
byte ordering. Big Endian byte order for Direct Master transfers or
configuration register accesses is also programmable through
configuration registers.
BPCLKO
Buffered PCI Clock
Output
1
O
TP
8 mA
168
Provides a buffered PCI clock output.
BREQ
Bus Request
1
I
169
Asserted to indicate a local bus master requires the bus. If enabled
through the PCI 9080 configuration registers, the PCI 9080 releases the
bus during a DMA transfer if this signal is asserted.
BREQo
Bus Request Out
1
O
TP
8 mA
21
Asserted to indicate the PCI 9080 requires the bus to perform a direct
PCI to local bus access while a Direct Master access is pending on the
local bus. It can be used with external logic to generate backoff to a local
bus master. Its operational parameters are set up through the PCI 9080
configuration registers.
BTERMo#
Burst Terminate Out
1
O
DTS
8 mA
28
Asserted, along with READYo#, to request the break up of a burst and
the start of a new address cycle (Abort only).
DACK[1:0]#
DMA Acknowledge
Outputs
2
O
TP
8 mA
25, 30
When a channel is programmed through the configuration registers to
operate in demand mode, its DACK output indicates a DMA transfer is
being executed. DACK0# corresponds to PCI 9080 DMA Ch 0 and
DACK1# to DMA Ch 1.
DMPAF#
Direct Master
Programmable Almost
Full
1
O
TP
8 mA
8
Direct Master write FIFO almost full status output. Programmable
through a configuration register.
DP[3:0]
Data Parity
4
I/O
TS
8 mA
12-15
Parity is even for each of up to 4 byte lanes on the local bus. Parity is
checked for writes to the PCI 9080 or reads by the PCI 9080. Parity is
generated for reads from the PCI 9080 or writes by the PCI 9080.
DREQ[1:0]#
DMA Request Inputs
2
I
24, 29
When a channel is programmed through the configuration registers to
operate in demand mode, its DREQ input serves as a DMA request.
DREQ0# corresponds to PCI 9080 DMA Ch 0 and DREQ1# to DMA
Ch 1.
LDSHOLD
Direct Slave HOLD
Request
1
O
TP
8 mA
165
Asserted concurrent with LHOLD to indicate the PCI 9080 is requesting
use of the Local Bus in order to perform a Direct Slave transfer.
LINTi#
Local Interrupt In
1
I
151
When asserted low, causes a PCI interrupt.
LINTo#
Local Interrupt Out
1
O
TP
8 mA
152
Synchronous level output that remains asserted as long as an interrupt
condition exists. If an edge level interrupt is required, disabling and then
enabling local interrupts though the interrupt/control status register
creates an edge if an interrupt condition still exists or a new interrupt
condition occurs.
LLOCKo#
Bus Lock
1
O
TP
8 mA
7
Indicates an atomic operation for a Direct Slave PCI to local bus access
may require multiple transactions to complete.
LRESETi#
Local Reset Input
1
I
150
Resets the local bus portion of the PCI 9080, the local configuration
registers and the DMA configuration registers. Also causes the local
reset output to be asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com