| Electronic Components Datasheet Search |
|
PCI9080 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9080 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers |
|
29 / 133 page ![]() SECTION 3 PCI 9080 FUNCTIONAL DESCRIPTION © ©PLX Technology, Inc., 1997 Page 21 Version 0.93 Example 1—A 1 MB local address space 12300000h through 123FFFFFh is accessible from the PCI bus at PCI addresses 78900000h through 789FFFFFh. a. Local initialization software sets the Range and Local Base Address Registers as follows: • Range—FFF00000h (1 MB, decode the upper 12 PCI address bits) • Local Base Address (remap)—123XXXXXh (Local Base Address for PCI to local accesses) (Bit 0, the Space Enable bit, must be set to 1 to be recognized by the host) b. PCI Initialization software writes all ones to the PCI Base Address, then reads it back again. • The PCI 9080 returns a value FFF00000h. The PCI software then writes to the PCI Base Address register • PCI Base Address—789XXXXXh (PCI Base Address for access to Local Address space) For PCI direct access to the local bus, the PCI 9080 has a 32 Lword (128 byte) write FIFO and a 16 Lword (64 byte) read FIFO. The FIFOs enable the local bus to operate independently of the PCI bus. The PCI 9080 can be programmed to return a RETRY response or to throttle TRDY# for any PCI bus transaction attempting to write to the PCI 9080 local bus when the FIFO is full. For PCI read transactions from the PCI 9080 local bus, the PCI 9080 holds off TRDY# while gathering the local bus Lword to be returned. For read accesses mapped to the PCI memory space, the PCI 9080 prefetches up to 16 Lwords (has continuous prefetch mode) from the local bus. Unused read data is flushed from the FIFO. For read accesses mapped to the PCI I/O space, the PCI 9080 does not prefetch read data. Rather, it breaks each read of the burst cycle into a single address/data cycle on the local bus. The period of time the PCI 9080 holds off TRDY# can be programmed, Target Retry Timer, in the Local Bus Region Descriptor register. The PCI 9080 issues a RETRY to the PCI bus transaction master when the programmed time period expires. This occurs when the PCI 9080 cannot gain control of the local bus and return TRDY# within the programmed time period. 3.5.2.2 Deadlock and BREQo A deadlock situation can occur when a master on the PCI bus wants to access the PCI 9080 local bus at the same time a master on the local PCI 9080 bus wants to access the PCI bus. Two types of deadlock situations can occur: a. PARTIAL DEADLOCK—A master on the local bus is performing a direct bus master access to a PCI bus device other than the PCI bus device that is concurrently trying to access the local bus. b. FULL DEADLOCK—A master on the local bus is performing a direct bus master access to the same PCI bus device that is concurrently trying to access the local bus. This applies only to direct (“pass through”) master and slave accesses through the PCI 9080. Deadlock will not occur in transfers through the PCI 9080 DMA controller or the mailboxes. For PARTIAL DEADLOCK, the PCI access to the local bus times out (the Target Retry Timer, which is programmable through the Local Bus Region Description for PCI to Local Accesses Register) and the PCI 9080 responds with a PCI RETRY. The PCI specification requires that a PCI master release its request for the PCI bus (de-asserts REQ#) for a minimum of two PCI clocks after receiving a RETRY. This allows the PCI bus arbiter to grant the PCI bus to the PCI 9080 so that it can complete its direct master access and free up the local bus. Possible solutions are described below for cases in which the PCI bus arbiter does not function as described (PCI bus architecture dependent), waiting for a time-out is undesirable, or a FULL DEADLOCK condition exists. For FULL DEADLOCK, the only solution is to back off the local master. 3.5.2.2.1 Backoff The PCI 9080 contains a pin (BREQo) that indicates a possible deadlock condition exists. The PCI 9080 starts the BREQo timer (can be reprogrammed, using the registers) when it detects the following conditions: a. A master on the local bus is performing a direct bus master access to the PCI bus. b. A master on the PCI bus is trying to access memory or an I/O device on the local bus and is not gaining access (that is, has not received LHOLDA). If the timer expires and the PCI 9080 still has not received LHOLDA, the PCI 9080 asserts BREQo. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |