Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 17Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 133 page
background image
SECTION 2
PCI 9080
BUS OPERATION
©
©PLX Technology, Inc., 1997
Page 6
Version 0.93
2. BUS OPERATION
2.1 PCI BUS CYCLES
The PCI 9080 is compliant with PCI Specification v2.1.
Refer to the PCI 2.1 spec for any specific features of
PCI Bus.
2.1.1 PCI Target Command Codes
As a target, the PCI 9080 allows access to the PCI 9080
internal registers and the local bus, using the commands
listed in Table 2-1.
Table 2-1. PCI Target Command Codes
Command Type
Code (C/BE[3:0]#)
I/O Read
0010 (2h)
I/O Write
0011 (3h)
Memory Read
0110 (6h)
Memory Write
0111 (7h)
Memory Read Multiple
1100 (Ch)
Memory Read Line
1110 (Eh)
Memory Write and Invalidate
1111 (Fh)
Configuration Read
1010 (Ah)
Configuration Write
1011 (Bh)
All read or write accesses to the PCI 9080 can be byte,
word or long word accesses. All memory commands are
aliased to the basic memory commands. All I/O
accesses to the PCI 9080 are decoded to a long word
boundary. The byte enables are used to determine
which bytes are read or written. An I/O access with
illegal byte enable combinations is terminated with a
Target Abort.
2.1.2 PCI Master Command Codes
The PCI 9080 can access the PCI bus to perform
DMA transfers or Direct Master Local to PCI Bus
transfers. During the Direct master or DMA transfer, the
command code assigned to the PCI 9080 internal
register location (PCI [6Ch])(Loc [ECh]) bits [15:0] will
be used as the PCI command code.
2.1.2.1 DMA Master Command Codes
The DMA controllers of the PCI 9080 can generate the
memory cycles listed in Table 2-2.
Table 2-2. DMA Master Command Codes
Command Type
Code (C/BE[3:0]#)
Memory Read
0110 (6h)
Memory Write
0111 (7h)
Memory Read Multiple
1100 (Ch)
Memory Read Line
1110 (Eh)
Memory Write and Invalidate
1111 (Fh)
2.1.2.2 Direct
Local
to
PCI
Command
Codes
For direct local to PCI bus accesses, the PCI 9080 can
generate the cycles listed in Table 2-3 through Table 2-
5.
Table 2-3. Local to PCI Memory Access
Command Type
Code (C/BE[3:0]#)
Memory Read
0110 (6h)
Memory Write
0111 (7h)
Memory Read Multiple
1100 (Ch)
Memory Read Line
1110 (Eh)
Table 2-4. Local to PCI I/O Access
Command Type
Code (C/BE[3:0]#)
I/O Read
0010 (2h)
I/O Write
0011 (3h)
Table 2-5. Local to PCI Configuration Access
Command Type
Code (C/BE[3:0]#)
Configuration Memory Read
1010 (Ah)
Configuration Memory Write
1011 (Bh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com