Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 22Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 23Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 24Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 25Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 26Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 133 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 15
Version 0.93
Doorbell Registers set
and clear interrupts
Mailbox Registers can be
read or written from both sides
Used for Passing:
Commands
Pointers
Status
set
clear
set
clear
PCI to Local
Local to PCI
Mailbox 0
Mailbox 1
Mailbox 2
Mailbox 3
Mailbox 4
Mailbox 5
Mailbox 6
Mailbox 7
Figure 3-4. Mailbox/Doorbell Message Passing
3.5.1 Direct Master Operation (Local Master
to PCI Target)
The PCI 9080 supports the direct access of the PCI bus
by either the local processor or an intelligent controller.
Five registers are used to define local to PCI access:
•
Range
•
Local Base Address for Direct Master
to PCI Memory Register
•
Local Base Address for Direct Master
to PCI IO/CFG Register
•
PCI Configuration Address Register
for Direct Master to PCI IO/CFG
•
PCI Base Address
3.5.1.1 Decode
The Range register specifies the local address bits to
use for decoding a Local to PCI access. The local
processor can perform only memory cycles. Therefore,
the Local Base Address for Direct Master to PCI
Memory Register is used to decode an access to PCI
memory space and the Local Base Address for Direct
Master to PCI IO/CFG Register is used to decode an
access to PCI I/O space or PCI bus configuration cycle
access.
3.5.1.2 FIFOs
For Direct Master memory access to the PCI bus, the
PCI 9080 has a 32 Lword (128 byte) write FIFO and a
16 Lword (64 byte) read FIFO. The FIFOs enable the
local bus to operate independently of the PCI bus and
allows high-performance bursting on the local and PCI
buses.
3.5.1.3 Memory Access
The local processor can read or write to the PCI
memory by a read or write to the "Local Base Address
for Direct Master to PCI Memory Register." The PCI
9080 will convert the local read/write access to PCI bus
read/write cycles. The Local Address space starts from
the Direct Master Local Base Address up to the range.
The remap (PCI Base Address) defines the PCI starting
address. (Refer to Example 1 in Section 3.5.2.1).
Writes—The PCI 9080 continues to accept writes and
return READYo# until the write FIFO is full. It then holds
off READYo# until space becomes available in the write
FIFO. A programmable Direct Master FIFO “almost full”
status output is provided (DMPAF#).
Reads—The PCI 9080 holds off READYo# while
gathering an Lword from the PCI bus. Programmable
prefetch modes are available if prefetch is enabled:
prefetch NONE, 4, 8, 16, or continuous until Direct
Master cycle ends. The read cycle is terminated when
the local BLAST# input is asserted. Unused read data is
flushed from the FIFO.
The PCI 9080 does not prefetch read data for single
cycle Direct Master reads (local BLAST# input asserted
during first data phase). In this case, the PCI 9080 reads
a single PCI Lword.
For Direct Master single cycle reads, the PCI 9080
asserts the same PCI bus byte enables as asserted on
the local bus.
For multiple cycle reads, the PCI 9080 reads entire long
words (all PCI byte enables are asserted), regardless of
local byte enables.
3.5.1.4 IO/CFG Access
When a Local Direct Master I/O access to the PCI bus is
made,
the
PCI
Configuration
Address
Register’s
Configuration
Enable bit
determines
if
an
I/O
or
configuration access is to be made to the PCI bus.
Local burst accesses are broken into single PCI I/O
address/data cycles. The PCI 9080 does not prefetch
read data for I/O and CFG reads.
For Direct Master I/O or Configuration cycles, the PCI
9080 asserts the same PCI bus byte enables as
asserted on the local bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com