Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 16Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 17Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 18Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 22Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 23Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 133 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 12
Version 0.93
Table 3-2. Long EEPROM Load Registers
EEPROM Offset
EEPROM Value
Description
0
9080
Device ID
2
10B5
Vendor ID
4
0680
Class Code
6
0001
Class Code, Revision
8
0000
Maximum Latency, Minimum Grant
A
0100
Interrupt Pin, Interrupt Line Routing
C
xxxx
MSW of Mailbox 0 (User Defined)
E
xxxx
LSW of Mailbox 0 (User Defined)
10
xxxx
MSW of Mailbox 1 (User Defined)
12
xxxx
LSW of Mailbox 1 (User Defined)
14
FFF0
MSW of Range for PCI to Local Address Space 0 (1 MB)
16
0000
LSW of Range for PCI to Local Address Space 0 (1 MB)
18
1000
MSW of Local Base Address (Remap) for PCI to Local Address Space 0
1A
0001
LSW of Local Base Address (Remap) for PCI to Local Address Space 0
1C
11E4
MSW of Local Arbitration Register
1E
0000
LSW of Local Arbitration Register
20
0000
MSW of Local Bus Big/Little Endian Descriptor Register
22
0000
LSW of Local Bus Big/Little Endian Descriptor Register
24
FFF0
MSW of Range for PCI to Local Expansion ROM
26
0000
LSW of Range for PCI to Local Expansion ROM
28
1000
MSW of Local Base Address (Remap) for PCI to Local Expansion ROM
2A
0010
LSW of Local Base Address (Remap) for PCI to Local Expansion ROM
2C
4DC3
MSW of Bus Region Descriptors for PCI to Local Accesses
2E
04C3
LSW of Bus Region Descriptors for PCI to Local Accesses
30
FF00
MSW of range for Direct Master to PCI
32
0000
LSW of range for Direct Master to PCI
34
4000
MSW of Local Base Address for Direct Master to PCI Memory
36
0000
LSW of Local Base Address for Direct Master to PCI Memory
38
7000
MSW of Local Bus Address for Direct Master to PCI IO/CFG
3A
0000
LSW of Local Bus Address for Direct Master to PCI IO/CFG
3C
0000
MSW of PCI Base Address (Remap) for Direct Master to PCI
3E
183F
LSW of PCI Base Address (Remap) for Direct Master to PCI
40
0000
MSW of PCI Configuration Address Register for Direct Master to PCI IO/CFG
42
0000
LSW of PCI Configuration Address Register for Direct Master to PCI IO/CFG
Note: There are 60 unused bytes in the EEPROM that can be used for user-defined applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com