| Electronic Components Datasheet Search |
|
PCI9080 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9080 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers |
|
22 / 133 page ![]() SECTION 3 PCI 9080 FUNCTIONAL DESCRIPTION © ©PLX Technology, Inc., 1997 Page 14 Version 0.93 the PCI bus address matching the base address specified in the PCI Base Address 1 for I/O Mapped Configuration Register of the PCI 9080. All PCI read or write accesses to the PCI 9080 registers can be byte, word or long word accesses. All PCI memory accesses to the PCI 9080 registers can be burst or non-burst. The PCI 9080 responds with a PCI Disconnect for all burst I/O accesses to the PCI 9080 registers. 3.4.2 Local Bus Access to Internal Registers The local processor can access all the internal registers of the PCI 9080 through either internal or external address decode logic. The PCI 9080 provides an Address Decode Mode Pin (ADMODE) that selects whether the internal address decode logic is used or whether the designer will supply an external chip select from an external address decoder. Figure 3-2 illustrates how the dual address decode logic works. If the Address Decode Mode pin is set to 1, the internal PCI 9080 address decode logic is enabled. In this mode, the PCI 9080 internal registers are selected when local address bits LA[31:29] match input address select pins S[2:0]. If the Address Decode Mode pin is set to 0, the PCI 9080 responds to local bus access when S0 is asserted low through external chip select logic. Note that S0 must be decoded while ADS# is low. All local read or write accesses to the PCI 9080 registers can be byte, word or long word accesses. All local accesses to the PCI 9080 registers can be burst or non- burst. For C and J modes, accesses must be for a 32 bit non- pipelined bus. The PCI 9080 READYo# indicates a data transfer is complete. For S mode, accesses must be for a 16 bit non- pipelined bus. The PCI 9080 READYo# indicates a data transfer is complete. LA31 LA30 LA29 S2 S1 S0 Address Decode Mode Pin 1 0 PCI 9080 Internal Register Chip Select PCI 9080 Internal Register Chip Select PCI 9080 = PCI 9080 compare S0 (9080 Chip Select) Figure 3-2. Dual Address Decode Mode 3.5 DIRECT DATA TRANSFER MODES Figure 3-3 and Figure 3-4 illustrate the direct data transfer modes. Host CPU PCI Bus Local CPU Host CPU accesses Local Memory or I/O = Direct Slave R/W Local CPU accesses System Memory = Direct Master R/W System Memory to Local Memory = DMA R/W Local Memory or I/O Physical System Memory PLX or System Chipset PLX Address Translation DMA, Memory, I/O Cycles Interrupts Software Protocol Figure 3-3. Direct Master, Direct Slave, and DMA |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |