Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 64Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 65Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 66Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 67Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 68Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 69Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 70Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 71Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 60
Version 0.93
4.4.5 (EROMRR; PCI:10h, LOC:90h) Expansion ROM Range Register
Table 4-37. (EROMRR; PCI:10h, LOC:90h) Expansion ROM Range Register
Field
Description
Read
Write
Value after Reset
10:0
Reserved.
Yes
No
0
31:11
Specifies which PCI address bits to use for decoding a PCI to local bus expansion
ROM. Each of the bits corresponds to a PCI address bit. Bit 31 corresponds to
Address bit 31. A value of 1 should be written to all bits that should be included in
decode and a 0 to all others (used in conjunction with PCI Configuration register 30h).
Default is 64 KB.
Yes
Yes
FFFF00h
4.4.6 (EROMBA; PCI:14h, LOC:94h) Expansion ROM Local Base Address (Remap) Register
and BREQo Control
Table 4-38. (EROMBA; PCI:14h, LOC:94h) Expansion ROM Local Base Address (Remap) Register and BREQo
Control
Field
Description
Read
Write
Value after Reset
3:0
Direct Slave BREQo (Backoff Request Out) Delay Clocks. Number of local bus clocks
in which a Direct Slave HOLD request is pending and a Local Direct Master access is
in progress and not being granted the bus (LHOLDA) before asserting BREQo. Once
asserted, BREQo remains asserted until the PCI 9080 receives LHOLDA (LSB = 8 or
64 clocks).
Yes
Yes
0
4
Local Bus BREQo Enable. A value of 1 enables the PCI 9080 to assert the
BREQo output.
Yes
Yes
0
5
BREQo Timer resolution. A value of 1 changes the LSB of the BREQo timer from 8 to
64 clocks.
Yes
Yes
0
10:6
Reserved.
Yes
No
0
31:11
Remap of PCI Expansion ROM space into a Local Address Space. The bits in
this register remap (replace) the PCI address bits used in decode as the local
address bits.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com