Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 38Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 39Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 40Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 41Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 42Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 43Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 133 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 32
Version 0.93
to be contiguous. The IOP allocates and initializes
inbound message frames in shared IOP memory using
any suitable memory allocation technique. The Host
allocates and initializes outbound message frames in
shared Host memory using any suitable memory
allocation technique. Message frames are a minimum of
64 bytes in length.
I2O uses a “push” (write preferred) memory model. That
means that the IOP will write messages and data to the
shared Host memory, and the Host will write messages
and data to shared IOP memory. Software should make
use of burst and DMA transfers whenever possible to
ensure efficient use of the PCI bus for message passing.
Additional
information
on
message
passing
implementation may be found in the I2O Architecture
Specification v1.5.
3.11.4 Inbound Free List FIFO
The local processor allocates inbound message frames
in its shared memory and can place the address of a
free (available) message frame into the Inbound Free
List FIFO by writing its MFA into the FIFO location
pointed to by the Queue Base Register + Inbound Free
Head Pointer Register. The local processor must then
increment the Inbound Free Head Pointer Register.
A PCI master (Host or another IOP) can obtain the MFA
of a free message frame by reading the Inbound Queue
Port Address (40h of the first PCI Memory Base Address
Register). If the FIFO is empty (no free inbound
message frames are currently available, head and tail
pointers are equal), the MU returns a value of
-1 (FFFFFFFFh). If the FIFO is not empty (head and
tail pointers
are
not
equal),
the
MU
reads
the
MFA pointed to by the Queue Base Register + Inbound
Free Tail Pointer Register, returns its value and
increments the Inbound Free Tail Pointer Register. If the
Inbound
Free
Queue
is
not
empty,
and
queue
prefetching is enabled (QSR Register bit 3), then the
next entry in the FIFO will be read from the local bus
into a prefetch register. The data for the next PCI read
from this queue will then be provided by the prefetch
register, thus reducing the number of PCI wait states..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com