Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 59 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 59 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 57Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 58Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 59Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 60Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 61Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 62Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 63Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 51
Version 0.93
4.3.7 (PCIHTR; PCI:0Eh, LOC:0Eh) PCI Header Type Register
Table 4-17. (PCIHTR; PCI:0Eh, LOC:0Eh) PCI Header Type Register
Field
Description
Read
Write
Value after Reset
6:0
Configuration Layout Type. Specifies the layout of bits 10h through 3Fh in
configuration space. Only one encoding 0 is defined. All other encodings are reserved.
Yes
Local
0
7
Header Type. A value of 1 indicates multiple functions. A value of 0 indicates a single
function.
Yes
Local
0
4.3.8 (PCIBISTR; PCI:0Fh, LOC:0Fh) PCI Built-In Self Test (BIST) Register
Table 4-18. (PCIBISTR; PCI:0Fh, LOC:0Fh) PCI Built-In Self Test (BIST) Register
Field
Description
Read
Write
Value after Reset
3:0
A value of 0 indicates the device passed its test. Nonzero values indicate the device
failed. Device specific failure codes can be encoded in the nonzero value.
Yes
Local
0
5:4
Reserved. Device returns 0.
Yes
No
0
6
PCI writes a 1 to invoke BIST. Generates an interrupt to local bus. Local bus resets
the bit when BIST is complete. Software should fail device if BIST is not complete
after 2 seconds.
Refer to Runtime registers for interrupt control/status.
Yes
Yes
0
7
Returns 1 if the device supports BIST. Returns 0 if the device is not BIST compatible.
Yes
Local
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com