Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 59Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 60Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 61Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 62Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 63Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 64Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 65Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 66Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 55
Version 0.93
4.3.15 (PCICIS; PCI:28h, LOC:28h) PCI Cardbus CIS Pointer
Table 4-25. (PCICIS; PCI:28h, LOC:28h) PCI Cardbus CIS Pointer
Field
Description
Read
Write
Value after Reset
31:0
Cardbus Information Structure Pointer for PCMCIA. (Not supported.)
Yes
No
0
4.3.16 (PCISVID; PCI:2Ch, LOC:2Ch) PCI Subsystem Vendor ID
Table 4-26. (PCISVID; PCI:2Ch, LOC:2Ch) PCI Subsystem Vendor ID
Field
Description
Read
Write
Value after Reset
15:0
Subsystem Vendor ID (unique add-in board vendor ID).
Yes
Local/
EEPROM
10B5
4.3.17 (PCISID; PCI:2Eh, LOC:2Eh) PCI Subsystem ID
Table 4-27. (PCISID; PCI:2Eh, LOC:2Eh) PCI Subsystem ID
Field
Description
Read
Write
Value after Reset
15:0
Subsystem ID (unique add-in board device ID).
Yes
Local/
EEPROM
9080
4.3.18 (PCIERBAR; PCI:30h, LOC:30h) PCI Expansion ROM Base Register
Table 4-28. (PCIERBAR; PCI:30h, LOC:30h) PCI Expansion ROM Base Register
Field
Description
Read
Write
Value after Reset
0
Address Decode Enable. A value of 1 indicates the device accepts accesses to
the expansion ROM address. A value of 0 indicates the device does not accept
accesses to expansion ROM space. Should be set to 1 if Expansion ROM is present
by the PCI host.
Yes
Yes
0
10:1
Reserved.
Yes
No
0
31:11
Expansion ROM Base Address (upper 21 bits).
Yes
Yes
0
4.3.19 (PCIILR; PCI:3Ch, LOC:3Ch) PCI Interrupt Line Register
Table 4-29. (PCIILR; PCI:3Ch, LOC:3Ch) PCI Interrupt Line Register
Field
Description
Read
Write
Value after Reset
7:0
Interrupt Line Routing Value. Value indicates which input of the system interrupt
controller(s) to which the interrupt line of the device is connected.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com