Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 57Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 58Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 59Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 60Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 61Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 62Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 63Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 52
Version 0.93
4.3.9 (PCIBAR0; PCI:10h, LOC:10h) PCI Base Address Register for Memory Accesses to
Local, Runtime, and DMA Registers
Table 4-19. (PCIBAR0; PCI:10h, LOC:10h) PCI Base Address Register for Memory Accesses to Local, Runtime,
and DMA Registers
Field
Description
Read
Write
Value after Reset
0
Memory Space Indicator. A value of 0 indicates the register maps into memory space.
A value of 1 indicates the register maps into I/O space.
Note: Hardcoded to 0.
Yes
No
0
2:1
Location of Register. Location values:
00—Locate anywhere in 32 bit memory address space
01—Locate below 1 MB memory address space
10—Locate anywhere in 64 bit memory address space
11—Reserved
Note: Hardcoded to 0.
Yes
No
0
3
Prefetchable. A value of 1 indicates there are no side effects on reads. This bit has no
effect on the operation of the PCI 9080.
Note: Hardcoded to 0.
Yes
No
0
7:4
Memory Base Address. Memory base address for access to Local, Runtime and DMA
registers (default is 256 bytes).
Note: Hardcoded to 0.
Yes
No
0
31:8
Memory Base Address. Memory base address for access to Local, Runtime and DMA
registers.
Yes
Yes
0
Note: For I2O, the Inbound message frame pool must reside in the address space pointed to by PCIBAR0. The Message
Frame Address (MFA) is defined by I2O as the offset from this base address to the start of the message frame.
4.3.10 (PCIBAR1; PCI:14h, LOC:14h) PCI Base Address Register for I/O Accesses to Local,
Runtime, and DMA Registers
Table 4-20. (PCIBAR1; PCI:14h, LOC:14h) PCI Base Address Register for I/O Accesses to Local, Runtime, and
DMA Registers
Field
Description
Read
Write
Value after Reset
0
Memory Space Indicator. A value of 0 indicates the register maps into memory space.
A value of 1 indicates the register maps into I/O space.
Note: Hardcoded to 1.
Yes
No
1
1
Reserved.
Yes
No
0
7:2
I/O Base Address. Base Address for I/O access to Local, Runtime and DMA registers.
(Default is 256 bytes)
Note: Hardcoded to 0.
Yes
No
0
31:8
I/O Base Address. Base Address for I/O access to Local, Runtime and DMA registers.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com