Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 7Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
SECTION 1
PCI 9080
GENERAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 3
Version 0.93
1.2 MAJOR FEATURES
PCI 2.1 Compliant. The PCI 9080 is compliant with all
aspects of PCI specification version 2.1.
I2O Messaging Unit. The PCI 9080 incorporates an I2O
messaging unit. This enables the adapter or embedded
system
to
communicate
with
other
I2O-supported
devices. The I2O messaging unit is fully compatible with
the PCI extension of the I2O Version 1.5 specification.
Dual Independent Programmable DMA Controllers
with Bidirectional FIFOs. The PCI 9080 provides two
independently
programmable
DMA
controllers
with
bidirectional FIFOs for each channel. Each channel
supports both nonchaining and chaining DMA modes
and demand mode DMA, and End of Transfer (EOT)
mode.
Direct Bus Master. The PCI 9080 supports both
memory mapped burst transfer accesses and I/O
mapped single transfer accesses to the PCI bus from
the Local Bus Master. The PCI 9080 also supports PCI
bus interlock (“LOCK#”) cycles. Bidirectional FIFOs for
both Read- and Write-enable high-performance bursting
on the local and PCI buses.
PCI Host Capability. In direct master mode, the PCI
9080 can generate Type 0 or Type 1 PCI configuration
cycles.
Direct Slave. The PCI 9080 supports both memory
mapped and I/O mapped burst accesses to PCI bus
from the Local Bus Master. Bidirectional FIFOs for both
Read- and Write-enable high-performance bursting on
the local and PCI buses.
Programmable Local Bus Modes. The PCI 9080 is a
PCI bus master interface chip that connects a PCI bus
to one of three local bus types, selected through mode
pins. The PCI 9080 may be connected to any local bus
with a similar design with little or no glue logic. Table 1-
1 lists the three modes.
Table 1-1. Programmable Local Bus Modes
Mode
Description
C
32-bit address/32-bit data, nonmultiplexed
J
32-bit address/32-bit data, multiplexed
S
32-bit address/16-bit data, multiplexed
Interrupt Generator. The PCI 9080 can generate PCI
and local interrupts from several sources.
Clock. The PCI 9080 local bus interface runs from a
local TTL clock and generates the necessary internal
clocks. This clock runs asynchronously to the PCI clock.
There is a buffered PCI clock (BPCLKo) for the local
side to use. BPCLKo may be connected to LCLK.
3.3 Volt and 5 Volt Operation. The 9080 provides
either 3.3 Volt or 5 Volt signaling on the PCI bus.
A 3.3 V signaling environment requires 5 V and 3.3 V
VCC. A 5 V PCI bus and local bus environment requires
5 V VCC.
Serial EEPROM Interface. The PCI 9080 contains an
optional serial EEPROM interface that can be used to
load configuration information. This is useful for loading
information that is unique to a particular adapter (such
as Network ID or Vendor ID).
Mailbox Registers. The PCI 9080 contains eight 32 bit
mailbox registers that may be accessed from either the
PCI or the local bus.
Doorbell Registers. The PCI 9080 includes two 32 bit
doorbell registers. One generates interrupts from the
PCI bus to the local bus. The other generates interrupts
from the local bus to the PCI bus.
Unaligned DMA Transfer Support. The PCI 9080 can
transfer data on any byte boundary.
Big/Little Endian Conversion. The PCI 9080 supports
dynamic switching between Big Endian and Little Endian
operations for Direct Slave, Direct Master, DMA, and the
internal register accesses on the local side.
Note: PCI Bus is always Little Endian.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com