Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 49Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 50Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 52Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 53Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 54Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 45
Version 0.93
4.2.3 Runtime Registers
Table 4-7. Runtime Registers
PCI
(Offset
from Base
Address)
Local
Access
(Offset
from Chip
Select
Address)
To ensure software compatibility with other versions of the
PCI 9080 family and to ensure compatibility with future enhancements,
write a zero to all unused bits.
31
0
PCI/Local
Writable
EEPROM
Writable
40h
C0h
Mailbox Register 0
1
Y
Y
44h
C4h
Mailbox Register 1
1
Y
Y
48h
C8h
Mailbox Register 2
Y
N
4Ch
CCh
Mailbox Register 3
Y
N
50h
D0h
Mailbox Register 4
Y
N
54h
D4h
Mailbox Register 5
Y
N
58h
D8h
Mailbox Register 6
Y
N
5Ch
DCh
Mailbox Register 7
Y
N
60h
E0h
PCI to Local Doorbell Register
Y
N
64h
E4h
Local to PCI Doorbell Register
Y
N
68h
E8h
Interrupt Control / Status
Y
N
6Ch
ECh
EEPROM Control, PCI Command Codes, User I/O Control, Init Control
Y
N
70h
F0h
Device ID
Vendor ID
N
N
74h
F4h
Unused
Revision ID
N
N
78h
C0h
Mailbox Register 0
1
Y
N
7Ch
C4h
Mailbox Register 1
1
Y
N
Note: Mailbox registers 0 and 1 are always accessible at addresses 78h/C0h and 7Ch/C4. When the I2O feature is
disabled (bit 0 of QSR register = 0), mailbox registers 0 and 1 are also accessible at PCI addresses 40h and 44h for PCI
9060 compatibility. When the I2O feature is enabled, the Inbound and Outbound Queue pointers are accessed at
addresses 40 and 44, replacing the mailbox registers in the PCI address space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com