Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 86Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 87Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 88Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 89Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 90Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 91Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 92Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 82
Version 0.93
4.7.15 (QSR; PCI:E8h, LOC:168h) Queue Status/Control Register
Table 4-89. (QSR; PCI:E8h, LOC:168h) Queue Status/Control Register
Field
Description
Read
Write
Value after Reset
0
Queue Decode Enable. When this bit is set, Mailbox registers 0 and 1 are replaced by
the Inbound and Outbound Queue Port Registers.
Yes
Yes
0
1
Queue Local Space Select. When this bit is set to 0, use local address space 0 bus
region descriptor for queue accesses. When this bit is set to 1, use local address
space 1 bus region descriptor for queue accesses.
Yes
Yes
0
2
Outbound Post List FIFO Prefetch Enable. When this bit is set, prefetching occurs
from the Outbound Post List FIFO if not empty.
Yes
Yes
0
3
Inbound Free List FIFO Prefetch Enable. When this bit is set, prefetching occurs from
the Inbound Free List FIFO if not empty.
Yes
Yes
0
4
Inbound Post List FIFO Interrupt Mask. Interrupt is masked when bit is set.
Yes
Yes
1
5
Inbound Post List FIFO Interrupt. This bit is set when the Inbound Post List FIFO
is not empty. This bit is not effected by the interrupt mask bit.
Yes
No
0
6
Outbound Free List FIFO Overflow Interrupt Mask. Interrupt is masked when bit is set.
Yes
Yes
1
7
Outbound Free List FIFO Overflow Interrupt. This bit is set when the Outbound Free
List FIFO becomes full. A local LSERR (NMI) interrupt is generated. Writing a 1 clears
the interrupt.
Yes
Yes/Clr
0
31:8
Unused.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com