Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 93Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 94Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 95Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 96Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 97Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 98Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 99Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 100Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
SECTION 5
PCI 9080
PIN DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 89
Version 0.93
Table 5-5. C Bus Mode Interface Pin Description (continued)
C Mode Bus
Symbol
Signal Name
Total
Pins
Pin
Type
Pin
Number
Function
LBE[3:0]#
Byte Enables
4
I/O
TS
12 mA
139-142
Encoded, based on configured bus width, as follows:
32-bit bus:
For a 32-bit bus, the four byte enables indicate which of the four bytes
are active during a data cycle:
BE3# Byte Enable 3—LD[31:24]
BE2# Byte Enable 2—LD[23:16]
BE1# Byte Enable 1—LD[15:8]
BE0# Byte Enable 0—LD[7:0]
16-bit bus:
For a 16-bit bus, BE3#, BE1# and BE0# are encoded to provide BHE#,
A1 and BLE#, respectively:
BE3# Byte High Enable (BHE#)—LD[15:8]
BE2# not used
BE1# Address bit 1 (A1)
BE0# Byte Low Enable (BLE#)—LD[7:0]
8-bit bus:
For an 8-bit bus, BE1# and BE0# are encoded to provide A1and A0,
respectively:
BE3# not used
BE2# not used
BE1# Address bit 1 (A1)
BE0# Address bit 0 (A0)
LCLK
Local Processor Clock
1
I
160
Local clock input
LHOLD
Hold Request
1
O
TP
8 mA
158
Asserted to request use of the local bus. The local bus arbiter asserts
LHOLDA when control is granted.
LHOLDA
Hold Acknowledge
1
I
159
Asserted by the local bus arbiter when control is granted in response to
LHOLD. The bus should not be granted to the PCI 9080 unless
requested by LHOLD.
LRESETo#
Local Bus Reset Out
1
O
TP
8 mA
11
Asserted when the PCI 9080 chip is reset. Used to drive the RESET#
input of the local processor.
READYi#
Ready In
1
I
147
When the PCI 9080 is a bus master, indicates that read data on the bus
is valid or that a write data transfer is complete. Used in conjunction with
the PCI 9080 programmable wait state generator.
READYo#
Ready Out
1
O
DTS
8 mA
148
When a local bus access is made to the PCI 9080, indicates read data
on the bus is valid or a write data transfer is complete. READYo# can be
connected to READYi#.
EOT0#
End of Transfer for
DMA Ch 0
1
I
163
Terminates the current DMA Ch 0 transfer.
EOT1#
End of Transfer for
DMA Ch 1
1
I
164
Terminates the current DMA Ch 1 transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com