Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 72Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 73Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 74Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 68
Version 0.93
4.5.11 (INTCSR; PCI:68h, LOC:E8h) Interrupt Control/Status
Table 4-58. (INTCSR; PCI:68h, LOC:E8h) Interrupt Control/Status
Field
Description
Read
Write
Value after Reset
0
Enable Local Bus LSERR#. A value of 1 enables the PCI 9080 to assert LSERR#
interrupt output when the PCI bus Target Abort or Master Abort status bit is set in the
PCI Status Configuration Register.
Yes
Yes
0
1
Enable Local Bus LSERR# when a PCI parity error occurs during a PCI 9080 Master
Transfer or a PCI 9080 Slave access.
Yes
Yes
0
2
Generate PCI Bus SERR#. When this bit is set to 0, writing a 1 generates a PCI bus
SERR#.
Yes
Yes
0
3
Mailbox Interrupt Enable. A value of 1 enables a Local Interrupt to be generated when
the PCI bus writes to Mailbox registers 0-3. To clear the Local Interrupt, the Local
master must read the Mailbox. Used in conjunction with Local interrupt enable.
Yes
Yes
0
7:4
Reserved.
Yes
No
0
8
PCI Interrupt Enable. A value of 1 enables PCI interrupts.
Yes
Yes
1
9
PCI Doorbell Interrupt Enable. A value of 1 enables doorbell interrupts. Used in
conjunction with PCI interrupt enable. Clearing the doorbell interrupt bits that caused
the interrupt also clears the interrupt.
Yes
Yes
0
10
PCI Abort Interrupt Enable. A value of 1 enables a master abort or master detect of a
target abort to generate a PCI interrupt. Used in conjunction with PCI interrupt enable.
Clearing the abort status bits also clears the PCI interrupt.
Yes
Yes
0
11
PCI Local Interrupt Enable. A value of 1 enables a local interrupt input to generate a
PCI interrupt. Use in conjunction with PCI interrupt enable. Clearing the local bus
cause of the interrupt also clears the interrupt.
Yes
Yes
0
12
Retry Abort Enable. A value of 1 enables the PCI 9080 to treat 256 Master consecutive
retries to a Target as a Target Abort. A value of 0 enables the PCI 9080 to attempt
Master Retries indefinitely.
Yes
Yes
0
13
A value of 1 indicates the PCI doorbell interrupt is active.
Yes
No
0
14
A value of 1 indicates the PCI abort interrupt is active.
Yes
No
0
15
A value of 1 indicates the local interrupt is active (LINTi#).
Yes
No
0
16
Local Interrupt Output Enable. A value of 1 enables local interrupt output.
Yes
Yes
1
17
Local Doorbell Interrupt Enable. A value of 1 enables doorbell interrupts. Used in
conjunction with Local interrupt enable. Clearing the local doorbell interrupt bits that
caused the interrupt also clears the interrupt.
Yes
Yes
0
18
Local DMA Channel 0 Interrupt Enable. A value of 1 enables DMA Channel 0
interrupts. Used in conjunction with Local interrupt enable. Clearing the DMA
status bits also clears the interrupt.
Yes
Yes
0
19
Local DMA Channel 1 Interrupt Enable. A value of 1 enables DMA Channel 1
interrupts. Used in conjunction with Local interrupt enable. Clearing the DMA
status bits also clears the interrupt.
Yes
Yes
0
20
A value of 1 indicates the Local doorbell interrupt is active.
Yes
No
0
21
A value of 1 indicates the DMA Ch 0 interrupt is active.
Yes
No
0
22
A value of 1 indicates the DMA Ch 1 interrupt is active.
Yes
No
0
23
A value of 1 indicates the BIST interrupt is active.
The BIST (built in self test) interrupt is generated by writing a 1 to bit 6 of the
PCI Configuration BIST register. Clearing bit 6 clears the interrupt. Refer to the BIST
register for a description of self test.
Yes
No
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com