Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 8Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 9Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 10Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 11Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 12Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 13Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 14Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 15Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 133 page
background image
SECTION 1
PCI 9080
GENERAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 4
Version 0.93
1.3 COMPATIBILITY OF PCI 9080 WITH
PCI 9060, 9060ES, AND 9060SD
The PCI 9080 is upward compatible with the PCI 9060,
9060ES and 9060SD, except as noted in Table 1-2 and
Section 4.1, “New Register Definitions Summary.” It
contains all the features of the PCI 9060, as well as an
I2O messaging unit, Endian conversion state machine
and deeper FIFOs.
1.3.1 Pin Compatibility
When upgrading from the PCI 9060, 9060ES or
9060SD, observe the following new pin definitions listed
in Table 1-2.
Table 1-2. Pin Compatibility
9060/ES/SD
9080
Pin
#
Pin
Name
Description
Pin
Name
Description
170
CLKSEL
EEPROM
Clock Select
PCIVOLT
1=5.0 V PCI Bus
0=3.3 V PCI Bus
175
EE1MC
Optional
EEPROM
clock source
EESEL
EEPROM Select
1=93CS46 (1K bit)
0=93CS56 (2K bit)
1.3.2 Register Compatibility
All registers implemented in the 9060/ES/SD are
implemented in the 9080. There are a limited number of
new bit definitions and several new registers. See
Section 4.1, “New Register Definitions Summary.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com