Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 48Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 49Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 50Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 52Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 53Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 54Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 44
Version 0.93
4.2.2 Local Configuration Registers
Table 4-6. Local Configuration Registers
PCI
(Offset
from Base
Address)
Local
Access
(Offset
from Chip
Select
Address)
To ensure software compatibility with other versions of the PCI 9080 family and to
ensure compatibility with future enhancements,
write a zero to all unused bits.
31
0
PCI/Local
Writable
EEPROM
Writable
00h
80h
Range for PCI to Local Address Space 0
Y
Y
04h
84h
Local Base Address (Remap) for PCI to Local Address Space 0
Y
Y
08h
88h
Local/DMA Arbitration Register
Y
Y
0Ch
8Ch
Big/Little Endian Descriptor Register
Y
Y
10h
90h
Range for PCI to Local Expansion ROM
Y
Y
14h
94h
Local Base Address (Remap) for PCI to Local Expansion ROM and BREQo control
Y
Y
18h
98h
Local Bus Region Descriptors
(Space 0 and Expansion ROM) for PCI to Local Accesses
Y
Y
1Ch
9Ch
Range for Direct Master to PCI
Y
Y
20h
A0h
Local Base Address for Direct Master to PCI Memory
Y
Y
24h
A4h
Local Base Address for Direct Master to PCI IO/CFG
Y
Y
28h
A8h
PCI Base Address (Remap) for Direct Master to PCI
Y
Y
2Ch
ACh
PCI Configuration Address Register for Direct Master to PCI IO/CFG
Y
Y
F0h
170h
Range for PCI to Local Address Space 1
Y
Y
F4h
174h
Local Base Address (Remap) for PCI to Local Address Space 1
Y
Y
F8h
178h
Local Bus Region Descriptor (Space 1) for PCI to Local Accesses
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com