Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 75Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 76Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 77Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 78Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 79Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 80Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 81Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 82Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 71
Version 0.93
4.5.13 (PCIHIDR; PCI:70h, LOC:F0h) PCI Permanent Configuration ID Register
Table 4-60. (PCIHIDR; PCI:70h, LOC:F0h) PCI Permanent Configuration ID Register
Field
Description
Read
Write
Value after Reset
15:0
Permanent Vendor ID. Identifies the manufacturer of the device. Hardcoded to the PCI
SIG issued vendor ID of PLX (10B5h).
Yes
No
10B5h
31:16
Permanent Device ID. Identifies the particular device. Hardcoded to the PLX part
number for PCI interface chip PCI 9080.
Yes
No
9080h
4.5.14 (PCIHREV; PCI:74h, LOC:F4h) PCI Permanent Revision ID Register
Table 4-61. (PCIHREV; PCI:74h, LOC:F4h) PCI Permanent Revision ID Register
Field
Description
Read
Write
Value after Reset
7:0
Permanent Revision ID. Hardcoded to the silicon revision of the PCI 9080.
Yes
No
Current Rev #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com