Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 83Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 84Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 85Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 86Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 87Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 88Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 89Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 90Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 79
Version 0.93
4.7.4 (OQP; PCI:44h) Outbound Queue Port
Table 4-78. (OQP; PCI:44h) Outbound Queue Port
Field
Description
Read
Write
Value after Reset
31:0
Value written by PCI master is stored into the Outbound Free List FIFO, which is
located in local memory at the address pointed to by the Queue Base Address +
(3*FIFO Size) + Outbound Free Head Pointer. From the time of the PCI write until the
local memory write and update of the Outbound Free Head Pointer, further accesses to
this register result in a retry. If the FIFO fills up, a local LSERR interrupt is generated.
When the port is read by the PCI master, the value is read from the Outbound Post
List FIFO, which is located in local memory at the address pointed to by the Queue
Base Address + (2*FIFO Size) + Outbound Post Tail Pointer. If the FIFO is empty, a
value of FFFFFFFh is returned. A PCI interrupt is generated if the Outbound Post List
FIFO is not empty.
PCI
PCI
0
4.7.5 (MQCR; PCI:C0h, LOC:140h) Messaging Queue Configuration Register
Table 4-79. (MQCR; PCI:C0h, LOC:140h) Messaging Queue Configuration Register
Field
Description
Read
Write
Value after Reset
0
Queue Enable. A value of 1 allows accesses to the Inbound and Outbound Queue
ports. If cleared to 0, writes are accepted but ignored and reads return FFFFFFFF. All
pointer initialization and frame allocation should be completed before enabling this bit.
Yes
Yes
0
5:1
Circular FIFO Size. Defines the size of one of the circular FIFOs. Each of the four
FIFOs are the same size. Each FIFO entry is one 32 bit word.
FIFO Size Encoding
Max entries
FIFO
Total FIFO
5:1
per FIFO
Size
Memory
00001
4K entries 16 KB
64 KB
00010
8K entries 32 KB
128 KB
00100
16K entries
64 KB
256 KB
01000
32K entries
128 KB
512 KB
10000
64K entries
256 KB
1 MB
Yes
Yes
00001
31:6
Reserved.
Yes
No
0
4.7.6 (QBAR; PCI:C4h, LOC:144h) Queue Base Address Register
Table 4-80. (QBAR; PCI:C4h, LOC:144h) Queue Base Address Register
Field
Description
Read
Write
Value after Reset
19:0
Reserved.
Yes
No
0
31:20
Queue Base Address. Local memory base address of the Inbound and Outbound
Queues (4 contiguous and equal size FIFOs). The Queue base address must be
aligned on a 1 MB boundary.
Yes
Yes
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com