Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 51Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 52Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 53Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 54Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 55Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 56Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 57Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 58Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 133 page
background image
SECTION 4
PCI 9080
REGISTERS
©
©PLX Technology, Inc., 1997
Page 47
Version 0.93
4.2.5 Messaging Queue Registers
Table 4-9. Messaging Queue Registers
PCI
(Offset
from Base
Address)
Local
Access
(Offset
from Chip
Select
Address)
To ensure software compatibility with other versions of the
PCI 9080 family and to ensure compatibility with future enhancements,
write a zero to all unused bits.
31
0
PCI/Local
Writable
EEPROM
Writable
30h
B0h
Outbound Post Queue Interrupt Status
N
N
34h
B4h
Outbound Post Queue Interrupt Mask
Y
N
40h
—
Inbound Queue Port
PCI
N
44h
—
Outbound Queue Port
PCI
N
C0h
140h
Messaging Unit Configuration Register
Y
N
C4h
144h
Queue Base Address Register
Y
N
C8h
148h
Inbound Free Head Pointer Register
Y
N
CCh
14Ch
Inbound Free Tail Pointer Register
Y
N
D0h
150h
Inbound Post Head Pointer Register
Y
N
D4h
154h
Inbound Post Tail Pointer Register
Y
N
D8h
158h
Outbound Free Head Pointer Register
Y
N
DCh
15Ch
Outbound Free Tail Pointer Register
Y
N
E0h
160h
Outbound Post Head Pointer Register
Y
N
E4h
164h
Outbound Post Tail Pointer Register
Y
N
E8h
168h
Queue Status/Control Register
Y
N
Note 1: When I2O messaging is enabled (bit 0 of QSR register = 1), a PCI Master (Host or another IOP) uses the Inbound
Queue Port to read MFAs from the Inbound Free List FIFO and to write MFAs to the Inbound Post List FIFO. It uses the
Outbound Queue Port to read MFAs from the Outbound Post List FIFO and to write MFAs to the Outbound Free List
FIFO.
Note 2: Each Inbound Message Frame Address (MFA) is specified by I2O as the offset from the PCI Base Address 0
(programmed in register PCIBAR0 at offset 10H) to the start of the message frame. This means that all inbound message
frames should reside in PCI Base Address 0 memory space.
Note 3: Each Outbound Message Frame Address (MFA) is specified by I2O as the offset from system
address 0x00000000h. So the Outbound MFA is the physical 32 bit address of the frame in shared PCI system memory.
Note 4: The Inbound and Outbound Queues may reside in Local Address Space 0 or 1 by programming the QSR register.
They do not need to be in shared memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com