Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # PCI9080
Description  PCI I/O ACCELERATOR
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9080 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button PCI9080 Datasheet HTML 32Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 33Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 34Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 35Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 36Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 37Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 38Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 39Page - List of Unclassifed Manufacturers PCI9080 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 133 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©
©PLX Technology, Inc., 1997
Page 28
Version 0.93
3.10 INTERRUPTS
LINTo#
DMA Ch 0 Done
DMA Ch 1 Done
Doorbells
Mailboxes
BIST
Messaging Queue
X9
X4
[17]
[7]
[23]
X2
OR
X3
X8
X6
OR
X7
OR
DMA Ch 1
Terminal Count
LSERR#
Master Abort
256 Retrys
Target Abort
Parity Error
Messaging Queue
Doorbells
Master Abort
256 Retrys
Target Abort
LINTi#
Messaging Queue
[1]
[0]
X1
OR
[12]
OR
[9]
[10]
[11]
OR
[12]
OR
X5
INTA#
DMA Ch 0 Done
DMA Ch 0
Terminal Count
X4
X2
OR
X3
DMA Ch 1 Done
X8
X6
OR
X7
DMA Ch 1
Terminal Count
DMA Ch 0
Terminal Count
[8]
[16]
The # represent the bit # of register (LOC [E8h])
X1 = Bit [7:6] of register (LOC [168h])
X2 = Bit [10] of register (LOC [100h])
X3 = Bit [2] of register (LOC [E110h])
X4 = Bit [18] of register (LOC [E8h]) & Bit [17] of register (LOC [100h])
X5 = Bit [5:4] of register (LOC [168h])
X7 = Bit [2] of register (LOC [124h])
X6 = Bit [10] of register (LOC [114h])
X8 = Bit [19] of register (LOC [E8h]) & Bit [17] of register (LOC [114h])
X9 = Bit [3] of register (LOC [B0h]) & Bit [3] of register (LOC [B4h])
For X4 & X8, if the bit [17]='0' then LINTo# is generated and
if the bit [17]='1' then INTA# is generated.
Figure 3-11. Interrupt and Error Sources
3.10.1 PCI Interrupts (INTA#)
A PCI 9080 PCI Interrupt (INTA#) can be generated by
one of the following:
•
Local to PCI doorbell register
•
Local interrupt input
•
Master/target abort status condition
•
DMA Ch 0/Ch 1 Done
•
DMA Ch 0/Ch 1 Terminal Count reached
•
Messaging Outbound Post Queue Not Empty
INTA#, or individual sources of an interrupt, can be
enabled or disabled with the PCI 9080 Interrupt
Control/Status Register. The Interrupt Control/Status
Register also provides interrupt status for each source of
the interrupt.
The PCI 9080 PCI bus interrupt is level output. An
interrupt can be cleared by disabling an interrupt
enable bit or clearing the cause(s) of the interrupt.
3.10.1.1 Local Interrupt Input
Asserting Local bus input pin LINTi# can generate a PCI
bus interrupt. The PCI host processor can read the PCI
9080 Interrupt Control/Status Register to determine that
an interrupt is pending due to the LINTi# pin being
asserted.
The interrupt remains asserted as long as the LINTi# pin
is asserted and the Local Interrupt input is enabled.
Adapter specific action can be taken by the PCI host
processor to cause the local bus to release LINTi#.
3.10.1.2 Master/Target Abort Interrupt
The PCI 9080 sets the master abort or target abort
status bit in the PCI configuration register when it
detects a master or target abort. These status bits cause
PCI INTA# to be asserted if interrupts are enabled.
The interrupt remains asserted as long as the master or
target abort bits remain set in the PCI Configuration
Status Register and master/target abort interrupt is
enabled. Use a PCI Type 0 configuration access or a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com