| Electronic Components Datasheet Search |
|
PCI9080 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9080 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers |
|
35 / 133 page ![]() SECTION 3 PCI 9080 FUNCTIONAL DESCRIPTION © ©PLX Technology, Inc., 1997 Page 27 Version 0.93 3.6.6 DMA Arbitration The PCI 9080 DMA controller releases control of the local bus (de-asserts LHOLD) when one of the following occurs: • Its FIFOs are full in a local to PCI transfer • Its FIFOs are empty in a PCI to local transfer • The Local Bus Latency Timer expires (if enabled) • The BREQ input is asserted (BREQ can be enabled or disabled, or gated with a latency timer before the PCI 9080 gives up the local bus) • A Direct Slave access is pending • EOT input is received (if enabled) The DMA controller releases control of the PCI bus when one of the following occurs: • The FIFOs are full or empty • When the PCI Latency Timer expires and it loses the PCI grant signal • It receives a Target Disconnect response It de-asserts its PCI bus request (REQ#) for a minimum of two PCI clocks. 3.6.6.1 End of Transfer (EOT0# or EOT1#) Input When asserted, current DMA transfer terminates, regardless of the transfer size. Local transfers will terminate after the current cycle. PCI transfer will terminate immediately if transfer is from PCI to local. If the transfer is from local to PCI, the PCI 9080 finishes transferring all data in the internal FIFO and terminates the DMA transfer 3.6.6.2 Local Latency and Pause Timers A Local Bus Latency Timer and Local Bus Pause Timer are programmable with the DMA Arbitration Register. If the local latency timer expires, the PCI 9080 completes the current Lword transfer and releases LHOLD. After its programmable Pause Timer expires, it reasserts LHOLD. When it receives LHOLDA, it continues the transfer. The PCI bus transfer continues until the FIFO is empty for a local to PCI transfer or until it is full for a PCI to local transfer. 3.7 BREQ INPUT When the PCI 9080 owns the local bus, both its LHOLD output and LHOLDA input are asserted. When the PCI 9080 samples BREQ asserted during a DMA transfer or a Direct Slave write transfer, it gives up the local bus within two Lword transfers by de-asserting LHOLD and floating its local bus outputs if BREQ is gated or disabled, or if gating is enabled and the Local Bus Latency Timer expires. The Local Arbiter can now grant the local bus to another local master. After the PCI 9080 samples that its LHOLDA is de-asserted and its local pause timer is zero, it re-asserts LHOLD to request the local bus. When the PCI 9080 receives LHOLDA, it drives the bus and continues from where it left off. 3.8 DOORBELL REGISTERS There are two 32 bit doorbell interrupt/status registers in the PCI 9080. One is assigned to the PCI bus interface and while the other is assigned to the local bus interface. The local processor can generate a PCI bus interrupt by writing any number other than all zeroes to the PCI to local doorbell register. A PCI host can generate a local bus interrupt by writing any number other than all zeroes to the local to PCI doorbell register. 3.9 MAILBOX REGISTERS There are eight 32 bit mailbox registers in the PCI 9080 that can be written to and read from both buses. These registers can be used to pass command and status information directly between local and PCI bus devices. A local interrupt can be generated, if enabled, when the PCI host writes to one of the first four mailbox registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |