Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 35 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD5758 Datasheet HTML 31Page - Analog Devices AD5758 Datasheet HTML 32Page - Analog Devices AD5758 Datasheet HTML 33Page - Analog Devices AD5758 Datasheet HTML 34Page - Analog Devices AD5758 Datasheet HTML 35Page - Analog Devices AD5758 Datasheet HTML 36Page - Analog Devices AD5758 Datasheet HTML 37Page - Analog Devices AD5758 Datasheet HTML 38Page - Analog Devices AD5758 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 35 of 72
the VIOUT pin in current mode to determine the user-
programmable value at which to set VDPC+.
DC-to-DC Converter Settling Time
When in DPC current mode, the settling time is dominated by the
settling time of the dc-to-dc converter and is typically 200 μs
without the digital slew rate control feature enabled. To reduce
initial VIOUT waveform overshoot without adding a capacitor on
VIOUT and thereby affecting HART operation, enable the digital
slew rate control feature using the DAC_CONFIG register (see
Table 33).
Table 11 shows the typical settling time for each of the dc-to-
dc converter modes. All values shown assume the use of the
components recommended by Analog Devices, Inc., listed in
Table 10. The achievable settling time in any given application is
dependent on the choice of external inductor and capacitor
components used, as well as the current-limit setting of the dc-
to-dc converter.
Table 11. Settling Time vs. DC-to-DC Converter Mode
DC-to-DC Converter Mode
Settling Time (μs)
DPC Current Mode
200
PPC Current Mode
15
DPC Voltage Mode
15
DC-to-DC Converter Inductor Selection
For typical 4 mA to 20 mA applications, a 47 μH inductor (per
Table 10), combined with the switching frequency of 500 kHz,
allows up to 24 mA to be driven into a load resistance of up to 1 kΩ
with an AVDD1 supply of greater than 24 V + headroom. It is
important to ensure that the peak current does not cause the
inductor to saturate, especially at the maximum ambient
temperature. If the inductor enters saturation mode, it results in
a decrease in efficiency. Larger size inductors translate to lower
core losses. The slew rate control feature of the AD5758 can be
used to limit peak currents during slewing. Program an appropriate
current limit (via the DCDC_CONFIG2 register) to shut off the
internal switch if the inductor current reaches that limit.
DC-to-DC Converter Input and Output Capacitor Selection
The output capacitor, CDCDC, affects the ripple voltage of the dc-
to-dc converter and limits the maximum slew rate at which the
output current can rise. The ripple voltage is directly related to
the output capacitance. The CDCDC capacitor recommended by
Analog Devices (see Table 10), combined with the recommended
47 μH inductor, results in a 500 kHz ripple with amplitude less
than 50 mV and guarantees stability and operation with HART
capability across all operating modes.
For high voltage capacitors, the size of the capacitor is often an
indication of the charge storage ability. It is important to
characterize the dc bias voltage vs. capacitance curve for this
capacitor. Any capacitance values specified are with reference to
a dc bias corresponding to the maximum VDPC+ voltage in the
application. As well as the voltage rating, the temperature range
of the capacitor must also be considered for a given application.
These considerations are key in selection of the components
described in Table 10.
The input capacitor, CIN, provides much of the dynamic current
required for the dc-to-dc converter, and a low effective series
resistance (ESR) component is recommended. For the AD5758,
a low ESR tantalum or ceramic capacitor of 4.7 μF (1206 size)
in parallel with a 0.1 μF (0402 size) capacitor is recommended.
Ceramic capacitors must be chosen carefully because they can
exhibit a large sensitivity to dc bias voltages and temperature.
X5R or X7R dielectrics are preferred because these capacitors
remain stable over wider operating voltage and temperature ranges.
Care must be taken if selecting a tantalum capacitor to ensure a
low ESR value.
CLKOUT
The AD5758 can provide a CLKOUT signal to the system for
synchronization purposes. This signal is programmable to eight
frequency options between 416 kHz and 588 kHz, with the
default option being 500 kHz—the same switching frequency of
the dc-to-dc converter. This feature is configured in the
GP_CONFIG1 register and is disabled by default
INTERDIE 3-WIRE INTERFACE
A 3-wire interface is used to communicate between the two die
in the AD5758. The 3-wire interface master is located on the
main die, and the 3-wire interface slave is on the dc-to-dc die.
The three interface signals are data, DCLK (running at
MCLK/8), and interrupt.
The main purpose of the 3-wire interface is to read from or write
to the DCDC_CONFIG1 and DCDC_CONFIG2 registers.
Addressing these registers via the SPI interface initiates an
internal 3-wire interface transfer from the main die to the dc-to-
dc die. The 3-wire interface master on the main die initiates
writes and reads to the registers on the dc-to-dc die using
DCLK as the serial clock. The slave uses an interrupt signal to
the dc-to-dc die to indicate that a read of the dc-to-dc die
internal status register is required.
For every 3-wire interface write, an automatic read and compare
process can be enabled (default case) to ensure that the contents
of the copy of the DCDC_CONFIGx registers on the main die
match the contents of the registers on the dc-to-dc die. This
comparison is performed to ensure the integrity of the digital
circuitry on the dc-to-dc die. With this feature enabled, a 3-wire
interface transfer takes approximately 300 μs. When disabled,
this transfer time reduces to 30 μs.
The BUSY_3WI flag in the DCDC_CONFIG2 register is asserted
during the 3-wire interface transaction. The BUSY_3WI flag
is also set when the user updates the DAC range (via the DAC_
CONFIG register, Bits[4:0]) due to the internal calibration memory
refresh caused by this action, which requires a 3-wire interface
transfer between the two die. A write to either of the DCDC_
CONFIGx registers must not be initiated while BUSY_3WI is
asserted. If a write occurs while BUSY_3WI is asserted, the new
write is delayed until the current 3-wire interface (3WI) transfer
completes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com