Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 52 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD5758 Datasheet HTML 48Page - Analog Devices AD5758 Datasheet HTML 49Page - Analog Devices AD5758 Datasheet HTML 50Page - Analog Devices AD5758 Datasheet HTML 51Page - Analog Devices AD5758 Datasheet HTML 52Page - Analog Devices AD5758 Datasheet HTML 53Page - Analog Devices AD5758 Datasheet HTML 54Page - Analog Devices AD5758 Datasheet HTML 55Page - Analog Devices AD5758 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 52 of 72
PROGRAMMING SEQUENCE TO ENABLE THE
OUTPUT
To write to and set up the device from a power-on or reset
condition, use the following procedure:
1.
Perform a hardware or software reset and wait 100 μs.
2.
Perform a calibration memory refresh by writing 0xFCBA to
the key register. Wait a minimum of 500 μs before proceeding
to Step 3 to allow time for the internal calibrations to
complete. As an alternative to waiting 500 μs for the refresh
cycle to complete, poll the CAL_MEM_UNREFRESHED bit
in the DIGITAL_DIAG_RESULTS register until it is 0.
3.
Write 1 to Bit D13 in the DIGITAL_DIAG_RESULTS register
to clear the RESET_OCCURRED flag.
4.
If CLKOUT is required, configure and enable this feature
via the GP_CONFIG1 register. It is important to configure
this feature before enabling the dc-to-dc converter.
5.
Write to the DCDC_CONFIG2 register to set the dc-to-dc
current limit. Wait 300 μs to allow the 3-wire interface
communication to complete. As an alternative to waiting
300 μs for the 3-wire interface communication to complete,
poll the BUSY_3WI bit in the DCDC_CONFIG2 register
until it is 0.
6.
Write to the DCDC_CONFIG1 register to set up the dc-to-
dc converter mode (thereby enabling the dc-to-dc converter)
and to close the fault protection switch (FPS). Wait 300 μs
to allow the 3-wire interface communication to complete.
As an alternative to waiting 300 μs to the 3-wire interface
communication to complete, poll the BUSY_3WI bit in the
DCDC_CONFIG2 register until it is 0.
7.
Write to the DAC_CONFIG register to set the INT_EN bit
(powers up the DAC and internal amplifiers without enabling
the output) and configure the output range, internal/external
RSET, and slew rate. Keep the OUT_EN bit disabled at this
point. Wait 500 μs minimum before proceeding to Step 8 to
allow time for the internal calibrations to complete. As an
alternative to waiting 500 μs for the refresh cycle to
complete, poll the CAL_MEM_ UNREFRESHED bit in the
DIGITAL_DIAG_RESULTS register until it is 0.
8.
Write zero-scale DAC code to the DAC_INPUT register.
(If a bipolar range was selected in Step 7, then a DAC code
that rep
resents a 0 mA/0 V output must be written to the
DAC_INPUT register). It is important that this step be
completed even if the contents of the DAC_INPUT register
are not changing.
9.
If LDAC functionality is being used, perform either a
software or hardware LDAC command.
10. Rewrite the same word to the DAC_CONFIG register as in
Step 7 except, this time, with the OUT_EN bit enabled.
Allow 1.25 ms minimum between Step 6 and Step 9; this is
the time from when the dc-to-dc is enabled to when the
VIOUT output is enabled.
11. Write the required DAC code to the DAC_INPUT register.
An example configuration is shown in Figure 92.
Changing and Reprogramming the Range
After the output is enabled, use the following recommended
steps when changing the output range:
1.
Write to the DAC_INPUT register. Set the output to 0 mA
or 0 V.
2.
Write to the DAC_CONFIG register. Disable the output
(OUT_EN = 0), and set the new output range. Keep the
INT_EN bit set. Wait 500 μs minimum before proceeding
to Step 3 to allow time for internal calibrations to complete.
3.
Write Code 0x0000 (in the case of bipolar ranges, write
Code 0x8000) to the DAC_INPUT register. It is important
that this step be completed even if the contents of the
DAC_INPUT register are not changing.
4.
Reload the DAC_CONFIG register word from Step 2 except,
this time, set the OUT_EN bit to 1 to enable the output.
5.
Write the required DAC code to the DAC_INPUT register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com