Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5758 Datasheet HTML 10Page - Analog Devices AD5758 Datasheet HTML 11Page - Analog Devices AD5758 Datasheet HTML 12Page - Analog Devices AD5758 Datasheet HTML 13Page - Analog Devices AD5758 Datasheet HTML 14Page - Analog Devices AD5758 Datasheet HTML 15Page - Analog Devices AD5758 Datasheet HTML 16Page - Analog Devices AD5758 Datasheet HTML 17Page - Analog Devices AD5758 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 14 of 72
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. Transient currents of up to
100 mA do not cause silicon controlled rectifier (SCR) latch-up.
Table 4.
Parameter
Rating
AVDD1 to AGND, DGND
−0.3 V to +44 V
AVSS to AGND, DGND
+0.3 V to −33 V
AVDD1 to AVSS
−0.3 V to +66 V
AVDD2, VDPC+ to AGND, DGND
−0.3 V to +35 V
AVDD2, VDPC+ to AVSS
−0.3 V to +55 V
VLOGIC to DGND
−0.3 V to +7 V
Digital Inputs to DGND (SCLK,
SDI, SYNC, AD0, AD1, RESET,
LDAC)
−0.3 V to VLOGIC + 0.3 V or +7 V
(whichever is less)
Digital Outputs to DGND (FAULT,
SDO, CLKOUT)
−0.3 V to VLOGIC + 0.3 V or +7 V
(whichever is less)
REFIN, REFOUT, VLDO, CHART to
AGND
−0.3 V to AVDD2 + 0.3 V or +7 V
(whichever is less)
RA to AGND
−0.3 V to +4.5 V
RB to AGND
−0.3 V to +4.5 V
VIOUT to AGND
±35 V
VIOUT_INT to AGND
±35 V
+VSENSE to AGND
±35 V
−VSENSE to AGND
±35 V
CCOMP to AGND
AVSS − 0.3 V to VDPC+ + 0.3 V
SW+ to AGND
−0.3 V to AVDD1 + 0.3 V or +33 V
(whichever is less)
AGND, DGND to REFGND
−0.3 V to +0.3 V
AGND, DGND to PGND1
−0.3 V to +0.3 V
Industrial Operating Temperature
Range (TA)1
−40°C to +115°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
Power Dissipation
(TJ maximum − TA)/θJA
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
1 Power dissipated on the chip must be derated to keep the junction
temperature below 125°C.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-32-301
46
18
°C/W
1 Test Condition 1: thermal impedance simulated values are based on a
JEDEC 2S2P thermal test board with thermal vias. See JEDEC JESD51.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com