Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 53 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD5758 Datasheet HTML 49Page - Analog Devices AD5758 Datasheet HTML 50Page - Analog Devices AD5758 Datasheet HTML 51Page - Analog Devices AD5758 Datasheet HTML 52Page - Analog Devices AD5758 Datasheet HTML 53Page - Analog Devices AD5758 Datasheet HTML 54Page - Analog Devices AD5758 Datasheet HTML 55Page - Analog Devices AD5758 Datasheet HTML 56Page - Analog Devices AD5758 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 53 of 72
EXAMPLE CONFIGURATION TO ENABLE THE OUTPUT CORRECTLY
2. PERFORM CALIBRATION
MEMORY REFRESH
1. PERFORM HARDWARE OR
SOFTWARE RESET
WRITE
5. SET UP THE
DC‐TO‐DC CONVERTER
SETTINGS
WRITE
8. WRITE THE REQUIRED DAC
CODE
IS CAL_MEM_
UNREFRESHED
== 0?
IS WAIT
= 500µs?
WAIT = 0
NO
WAIT = WAIT + 1
NO
IS BUSY_3WI
= 0?
IS WAIT
= 300µs?
WAIT = 0
NO
WAIT = WAIT + 1
NO
DUT ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x08
0xFCBA
DUT ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x0C
DC-TO-DC SETTINGS
4. CONFIGURE CLKOUT
IF REQUIRED
WRITE
DUT ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x09
GP CONFIG1 SETTINGS
3. CLEAR RESET_
OCCURRED BIT
WRITE
DUT ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x14
D13 = 1
6. SET UP THE
DC‐TO‐DC CONVERTER
MODE AND CLOSE THE FPS
WRITE
IS BUSY_3WI
= 0?
IS WAIT
= 300µs?
WAIT = 0
NO
WAIT = WAIT + 1
NO
DUT ADDRESS[D23:D20]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x0B
D7 = 1
7. CONFIGURE THE DAC
(OUTPUT DISABLED)
WRITE
IS CAL_MEM_
UNREFRESHED
= 0?
IS WAIT
= 500µs?
WAIT = 0
NO
WAIT = WAIT + 1
NO
DUT ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x06
D6 = 0
WRITE
DUT ADDRESS[D23:D21]
REGISTER ADDRESS[D20:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x01
DAC CODE
WRITE
DUT ADDRESS[D23:D21]
REGISTER ADDRESS[D19:D16]
DATA[D15:D0]
SLIPBIT + DUT_AD[1:0]
0x06
D6 = 1
9. CONFIGURE THE DAC
(OUTPUT ENABLED)
Figure 92. Example Configuration to Enable the Output Correctly (CRC Disabled for Simplicity)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com