Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 62 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD5758 Datasheet HTML 58Page - Analog Devices AD5758 Datasheet HTML 59Page - Analog Devices AD5758 Datasheet HTML 60Page - Analog Devices AD5758 Datasheet HTML 61Page - Analog Devices AD5758 Datasheet HTML 62Page - Analog Devices AD5758 Datasheet HTML 63Page - Analog Devices AD5758 Datasheet HTML 64Page - Analog Devices AD5758 Datasheet HTML 65Page - Analog Devices AD5758 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 62 of 72
Watchdog Timer (WDT) Configuration Register
Address: 0x0F, Reset: 0x0D0009, Name: WDT_CONFIG
This register configures the WDT timeout values. This register also configures the WDT setup in terms of acceptable resets and the
resulting response to a WDT fault (for example, clear the output or reset the device).
Table 40. Bit Descriptions for WDT_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:11]
Reserved
Reserved. Do not alter the default value of these bits.
0x0
R
10
CLEAR_ON_WDT_FAIL
Enable clear on WDT fault. If the WDT times out, a clear event occurs, whereby the
output is loaded with the clear code stored in the CLEAR_CODE register.
0x0
R/W
0: disable (default).
1: enable.
9
RESET_ON_WDT_FAIL
Enable a software reset to automatically occur if the WDT times out.
0x0
R/W
0: disable (default).
1: enable.
8
KICK_ON_VALID_WRITE
Enable any valid SPI command to reset the WDT. Any active WDT error flags must
be cleared before the WDT can be restarted.
0x0
R/W
0: disable (default).
1: enable.
7
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
6
WDT_EN
Enables the WDT, then starts the WDT, assuming there are no active WDT fault flags.
0x0
R/W
0: disable (default).
1: enable.
[5:4]
Reserved
Reserved. Do not alter the default value of these bits.
0x0
R/W
[3:0]
WDT_TIMEOUT
Set the WDT timeout value. Setting WDT_TIMEOUT to a binary value beyond
0b1010 results in the default setting of 1 sec.
0x9
R/W
0000: 1 ms.
0001: 5 ms.
0010: 10 ms.
0011: 25 ms.
0100: 50 ms.
0101: 100 ms.
0110: 250 ms.
0111: 500 ms.
1000: 750 ms.
1001: 1 sec (default).
1010: 2 sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com