Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 37 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD5758 Datasheet HTML 33Page - Analog Devices AD5758 Datasheet HTML 34Page - Analog Devices AD5758 Datasheet HTML 35Page - Analog Devices AD5758 Datasheet HTML 36Page - Analog Devices AD5758 Datasheet HTML 37Page - Analog Devices AD5758 Datasheet HTML 38Page - Analog Devices AD5758 Datasheet HTML 39Page - Analog Devices AD5758 Datasheet HTML 40Page - Analog Devices AD5758 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 37 of 72
(expressed in % FSR). The temperature coefficient must also be
considered, as well as the specifications of the external
reference, if this is the option being used in the system.
The magnitude of the error derived from directly summing the
absolute error and TC error of both the external RSET resistor
and the external reference with the TUE specification of the
AD5758 is unlikely to occur because the TC values of the
individual components are not likely to exhibit the same drift
polarity, and, therefore, an element of cancelation occurs. For
this reason, add the TC values in a root of squares fashion. A
further improvement can be gained by performing a two point
calibration at zero scale and full scale, thus reducing the absolute
errors of the voltage reference and the RSET resistor.
Current Output Open-Circuit Detection
When in current output mode, if the headroom available falls
below the compliance range due to an open-loop circuit or an
insufficient power supply voltage, the IOUT_OC_ERR flag in
the ANALOG_DIAG_RESULTS register is asserted, and the
FAULT pin goes low.
INTERNAL CURRENT OUTPUT MONITOR
For unipolar current output ranges (0 mA to 24 mA, 0 mA to
20 mA, and 4 mA to 20 mA), an internal current monitor can be
configured to monitor the output current (see Figure 79). This
feature is disabled by default and can be enabled via the INT_
I_MONITOR_EN bit in the GP_CONFIG2 register.
When enabled, this feature mirrors the programmed output
current and scales it down by a factor of 128. The output current is
then passed through a 10.67 kΩ sense resistor, such that the voltage
developed across it can be digitized by the internal ADC.
Therefore, 0 mA to 24 mA is represented by 0 V to 2 V.
The ADC result can be converted to a voltage by
5
.
2
2
12
Value
ADC
Voltage
The output current can then be calculated as
128
670
,
10
 Voltage
Current
16-BIT
DAC
VIOUT
CHART
RA
RB
IOUT
RANGE
SCALING
VIOUT_INT
12-BIT
ADC
10.67kΩ
IMONITOR
MIRROR
–
Figure 79. Internal Current Output Monitor
HART CONNECTIVITY
The AD5758 has a CHART pin, onto which a HART signal can be
coupled. The HART signal appears on the current output if the
HART_EN bit in the GP_CONFIG1 register is enabled and the
VIOUT output is also enabled.
Figure 80 shows the recommended circuit for attenuating and
coupling the HART signal into the AD5758. To achieve 1 mA p-p
at the VIOUT pin, a signal of approximately 125 mV p-p is required
at the CHART pin. The HART signal appearing at the VIOUT pin is
inverted relative to the signal input at the CHART pin.
HART MODEM
OUTPUT
C1
C2
16-BIT
DAC
IOUT
CHART
IOUT
RANGE
SCALING
HART_EN
Figure 80. Coupling the HART Signal
As well as their use in attenuating the incoming HART modem
signal, a minimum capacitance of the combination of C1 and
C2 is required to ensure that the bandwidth presented to the
modem output signal passes the 1.2 kHz and 2.2 kHz frequencies.
Assuming a HART signal of 500 mV p-p, the recommended
values are C1 = 47 nF and C2 = 150 nF. Digitally controlling the
slew rate of the output is necessary to meet the analog rate of
change requirements for HART.
If the HART feature is not required, disable the HART_EN bit
and leave the CHART pin open circuit. However, if it is required to
slow the DAC output signal with a capacitor, the HART_EN bit
must be enabled and the required CSLEW capacitor connected to
the CHART pin.
DIGITAL SLEW RATE CONTROL
The slew rate control feature of the AD5758 allows the user to
control the rate at which the output value changes. This feature
is available in both current and voltage mode. With the slew
rate control feature disabled, the output value changes at a rate
limited by the output drive circuitry and the attached load. To
reduce the slew rate, enable the slew rate control feature. With
this feature enabled, the output steps digitally from one value to
the next at a rate defined by two parameters accessible via the
DAC_CONFIG register. The parameters are SR_CLOCK and
SR_STEP. SR_CLOCK defines the rate at which the digital slew
is updated. For example, if the selected update rate is 8 kHz, the
output updates every 125 μs. In conjunction with SR_CLOCK,
SR_STEP defines by how much the output value changes at
each update. Together, both parameters define the rate of
change of the output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com