Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 67 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD5758 Datasheet HTML 63Page - Analog Devices AD5758 Datasheet HTML 64Page - Analog Devices AD5758 Datasheet HTML 65Page - Analog Devices AD5758 Datasheet HTML 66Page - Analog Devices AD5758 Datasheet HTML 67Page - Analog Devices AD5758 Datasheet HTML 68Page - Analog Devices AD5758 Datasheet HTML 69Page - Analog Devices AD5758 Datasheet HTML 70Page - Analog Devices AD5758 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 67 of 72
Bits
Bit Name
Description
Reset
Access
13
RESET_OCCURRED
This bit flags that a reset occurred (default on power-up is therefore Logic 1).
0x1
R/W-1-C
12
ERR_3WI
This bit flags an error in the interdie 3-wire interface communications.
0x0
R/W-1-C
11
WDT_ERR
This bit flags a WDT fault.
0x0
R/W-1-C
10
Reserved
Reserved.
0x0
R/W-1-C
9
3WI_RC_ERR
This bit flags an error if the 3-wire read and compare process is enabled and
a parity error occurs.
0x0
R/W-1-C
8
DAC_LATCH_MON_ERR
This bit flags if the output of the DAC latches does not match the input.
0x0
R/W-1-C
7
Reserved
Reserved.
0x0
R/W-1-C
6
INVERSE_DAC_CHECK_ERR
This bit flags if a fault it detected between the DAC code driven by the digital
core and an inverted copy.
0x0
R/W-1-C
5
CAL_MEM_CRC_ERR
This bit flags a CRC error for the CRC calculation of the calibration memory
upon refresh.
0x0
R/W-1-C
4
INVALID_SPI_ACCESS_ERR
This bit flags if an invalid SPI access is attempted, such as writing to or
reading from an invalid or reserved address. This bit also flags if an SPI write
is attempted directly after powering up but before a calibration memory
refresh is performed or if an SPI write is attempted while a calibration
memory refresh is in progress. Performing a two stage readback is permitted
during a calibration memory refresh and does not cause this flag to set.
Attempting to write to a read only register also causes this bit to assert.
0x0
R/W-1-C
3
Reserved
Reserved.
0x0
R/W-1-C
2
SCLK_COUNT_ERR
This bit flags an SCLK falling edge count error. 32 clocks are required if SPI
CRC is enabled and 24 clocks or 32 clocks are required if SPI CRC is not enabled.
0x0
R/W-1-C
1
SLIPBIT_ERR
This bit flags an SPI frame slip bit error, that is, the MSB of the SPI word is not
equal to the inverse of MSB − 1.
0x0
R/W-1-C
0
SPI_CRC_ERR
This bit flags an SPI CRC error.
0x0
R/W-1-C
Analog Diagnostic Results Register
Address: 0x15, Reset: 0x150000, Name: ANALOG_DIAG_RESULTS
This register contains an error flag corresponding to the four voltage nodes (VLDO, INT_AVCC, REFIN, and REFOUT) monitored in
the background by comparators, as well as a flag for the main die temperature, which is also monitored by a comparator. Voltage output
short circuit, current output open circuit, fault protection switch, and dc-to-dc error flags are also contained in this register. Like the
DIGITAL_DIAG_RESULTS register, all of the flags contained in this register require a 1 to be written to them to update or clear them.
When the corresponding diagnostic features are not enabled, the respective error flags are read as zero.
Table 46. Bit Descriptions for ANALOG_DIAG_RESULTS
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:14]
Reserved
Reserved.
0x0
R0
13
FAULT_PROT_SW_ERR
This bit flags if the fault protection switch at the VIOUT pin goes outside of the VDPC+
rail or AVSS rail, irrespective of whether the fault protection switch is currently
open (disabled) or closed (enabled).
0x0
R/W-1-C
12
Reserved
Reserved.
0x0
R/W-1-C
11
DCDC_P_SC_ERR
This bit flags a dc-to-dc short-circuit error for the positive rail dc-to-dc circuit.
0x0
R/W-1-C
10
Reserved
Reserved.
0x0
R/W-1-C
9
DCDC_P_PWR_ERR
This bit flags a dc-to-dc regulation fault, that is, the dc-to-dc circuitry cannot reach
the target VDPC+ voltage due to an insufficient AVDD1 voltage.
0x0
R/W-1-C
8
Reserved
Reserved.
0x0
R/W-1-C
7
IOUT_OC_ERR
This bit flags a current output open circuit error. This error bit is set in the case of a
current output open circuit and in the case where there is insufficient headroom
available to the internal current output driver circuitry to provide the programmed
output current.
0x0
R/W-1-C
6
VOUT_SC_ERR
This bit flags a voltage output short-circuit error.
0x0
R/W-1-C
5
Reserved
Reserved.
0x0
R/W-1-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com