Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 27 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5758 Datasheet HTML 23Page - Analog Devices AD5758 Datasheet HTML 24Page - Analog Devices AD5758 Datasheet HTML 25Page - Analog Devices AD5758 Datasheet HTML 26Page - Analog Devices AD5758 Datasheet HTML 27Page - Analog Devices AD5758 Datasheet HTML 28Page - Analog Devices AD5758 Datasheet HTML 29Page - Analog Devices AD5758 Datasheet HTML 30Page - Analog Devices AD5758 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 27 of 72
REFERENCE
10.0µs
3
4
B
W
CH3 2.00V
CH4 1.00 V
B
W
TA = 25°C
AVDD2
REFOUT
Figure 62. REFOUT Turn On Transient
5
4
3
2
1
0
–1
–2
–3
–4
–5
012
3
45
67
89
10
TIME (Seconds)
AVDD1 = VDPC+ = +15V
AVSS = –15V
TA = 25°C
Figure 63. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
2
4
6
8
101214161820
TIME (ms)
AVDD1 = VDPC+ = 15V
AVSS = –15V
TA = 25°C
Figure 64. Peak-to-Peak Noise (100 kHz Bandwidth)
2.5005
2.5000
2.4995
2.4990
2.4985
0
0.5
1.0
1.5
2.0
3.0
4.0
2.5
3.5
LOAD CURRENT (mA)
AVDD2 = 5V
TA = 25°C
Figure 65. REFOUT vs. Load Current
2.50035
2.50036
2.50037
2.50038
2.50039
2.50040
2.50041
2.50042
2.50043
2.50044
4
6
8
10
12141618
202224
262830
AVDD2 (V)
TA = 25°C
Figure 66. Reference Output Voltage vs. AVDD2 Supply
2.4975
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
2.5025
2.5030
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
30 DEVICES SHOWN
AVDD2 = 15V
Figure 67. REFOUT vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com