Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 49 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD5758 Datasheet HTML 45Page - Analog Devices AD5758 Datasheet HTML 46Page - Analog Devices AD5758 Datasheet HTML 47Page - Analog Devices AD5758 Datasheet HTML 48Page - Analog Devices AD5758 Datasheet HTML 49Page - Analog Devices AD5758 Datasheet HTML 50Page - Analog Devices AD5758 Datasheet HTML 51Page - Analog Devices AD5758 Datasheet HTML 52Page - Analog Devices AD5758 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 49 of 72
READING FROM REGISTERS
The AD5758 has four options for readback mode that can be
configured in the TWO_STAGE_READBACK_SELECT register
(see Table 44). These options are as follows:
Two stage readback
Autostatus readback
Shared SYNC autostatus readback
Echo mode
Two Stage Readback Mode
Two stage readback mode consists of a write to the TWO_
STAGE_READBACK_SELECT register to select the register
location to be read back, followed by a NOP command. To
perform a NOP command, write all zeros to Bits[D15:D0] of
the NOP register. During the NOP command, the contents of
the selected register are available on SDO in the format shown
in Table 23. It is also possible to write a new two stage readback
command during the second frame, such that the corresponding
new data is available on SDO in the subsequent frame (see
Figure 88). Bits[D31:D30] (or Bits[D23:D22], if SPI CRC is not
enabled) = 0b10 are used as part of the synchronization during
readback. The contents of the first write instruction to the TWO_
STAGE_READBACK_SELECT register is shown in Table 24.
Table 23. SDO Contents for Read Operation
MSB
LSB
D23 to D22
D21
D20 to 16
D15 to D0
0b10
FAULT pin status
Register address
Data
Table 24. Reading from a Register Using Two Stage Readback Mode
MSB
LSB
D23
D22
D21
D20
D19
D18
D17
D16
[D15:D5]
D4
D3
D2
D1
D0
DUT_AD1
DUT_AD1
DUT_AD0
0x13
Reserved
READBACK_SELECT[4:0]
SYNC
INPUT WORD SPECIFIES
REGISTER TO BE READ
*NOP
SDI
UNDEFINED
SELECTED REGISTER DATA
CLOCKED OUT
SDO
SCLK
24/
32
1
24/
32
1
SELECTED REGISTER DATA
CLOCKED OUT
24/
32
1
2-STAGE READBACK
*ALTERNATIVELY COULD
WRITE ANOTHER
TWO-STAGE READBACK
NOP
Figure 88. Two Stage Readback Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com