Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 65 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD5758 Datasheet HTML 61Page - Analog Devices AD5758 Datasheet HTML 62Page - Analog Devices AD5758 Datasheet HTML 63Page - Analog Devices AD5758 Datasheet HTML 64Page - Analog Devices AD5758 Datasheet HTML 65Page - Analog Devices AD5758 Datasheet HTML 66Page - Analog Devices AD5758 Datasheet HTML 67Page - Analog Devices AD5758 Datasheet HTML 68Page - Analog Devices AD5758 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 65 of 72
FAULT Pin Configuration Register
Address: 0x12, Reset: 0x120000, Name: FAULT_PIN_CONFIG
This register is used to mask particular fault bits from the FAULT pin, if so desired.
Table 43. Bit Descriptions for FAULT_PIN_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
15
INVALID_SPI_ACCESS_ERR
If this bit is set, do not map the INVALID_SPI_ACCESS_ERR fault flag to the
FAULT pin.
0x0
R/W
14
FAULT_PROT_SW_ERR
If this bit is set, do not map the FAULT_PROT_SW_ERR fault flag to the FAULT pin.
0x0
R/W
13
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
12
INVERSE_DAC_CHECK_ERR
If this bit is set, do not map the INVERSE_DAC_CHECK_ERR flag to the FAULT pin.
0x0
R/W
11
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
10
OSCILLATOR_STOP_DETECT
If this bit is set, do not map the clock stop error to the FAULT pin.
0x0
R/W
9
DAC_LATCH_MON_ERR
If this bit is set, do not map the DAC_LATCH_MON_ERR fault flag to the FAULT pin.
0x0
R/W
8
WDT_ERR
If this bit is set, do not map the WDT_ERR flag to the FAULT pin.
0x0
R/W
7
SLIPBIT_ERR
If this bit is set, do not map the SLIPBIT_ERR error flag to the FAULT pin.
0x0
R/W
6
SPI_CRC_ERR
If this bit is set, do not map the SPI_CRC_ERR error flag to the pin.
0x0
R/W
5
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
4
DCDC_P_SC_ERR
If this bit is set, do not map the positive rail dc-to-dc short circuit error flag to the
FAULT pin.
0x0
R/W
3
IOUT_OC_ERR
If this bit is set, do not map the current output open-circuit error flag to the FAULT pin.
0x0
R/W
2
VOUT_SC_ERR
If this bit is set, do not map the voltage output short-circuit error flag to the FAULT pin.
0x0
R/W
1
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
0
MAIN_DIE_TEMP_ERR
If this bit is set, do not map the main die temperature error flag to the FAULT pin.
0x0
R/W
Two Stage Readback Select Register
Address: 0x13, Reset: 0x130000, Name: TWO_STAGE_READBACK_SELECT
This register selects the address of the register required for a two stage readback operation. The address of the register selected for
readback is stored in Bits[D4:D0].
Table 44. Bit Descriptions for TWO_STAGE_READBACK_SELECT
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:7]
Reserved
Reserved.
0x0
R
[6:5]
READBACK_MODE
These bits control the SPI readback mode.
0x0
R/W
0: two stage SPI readback mode (default).
01: autostatus readback mode: the status register contents are shifted out on SDO for
every SPI frame.
10: shared SYNC autostatus readback mode. This mode allows the use of a shared SYNC
line on multiple devices (distinguished using the hardware address pins). After each valid
write to a device, a flag is set. This mode behaves similar to the normal autostatus read-
back mode, except that the device does not output the status register contents on SDO
as SYNC goes low, unless the internal flag is set (that is, the previous SPI write is valid).
11: the status register contents and the previous SPI frame instruction are alternately
available on SDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com