Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 63 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 63 Page - Analog Devices

Back Button AD5758 Datasheet HTML 59Page - Analog Devices AD5758 Datasheet HTML 60Page - Analog Devices AD5758 Datasheet HTML 61Page - Analog Devices AD5758 Datasheet HTML 62Page - Analog Devices AD5758 Datasheet HTML 63Page - Analog Devices AD5758 Datasheet HTML 64Page - Analog Devices AD5758 Datasheet HTML 65Page - Analog Devices AD5758 Datasheet HTML 66Page - Analog Devices AD5758 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 63 of 72
Digital Diagnostic Configuration Register
Address: 0x10, Reset: 0x10005D, Name: DIGITAL_DIAG_CONFIG
This register configures various digital diagnostic features of interest for a particular application.
Table 41. Bit Descriptions for DIGITAL_DIAG_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:9]
Reserved
Reserved. Do not alter the default value of these bits.
0x0
R0
[8:7]
Reserved
Reserved. Do not alter the default value of these bits.
0x0
R/W
6
DAC_LATCH_MON_EN
Enable a diagnostic monitor on the DAC latches. This feature monitors the actual
digital code driving the DAC and compares it with the digital code generated
within the digital block. Any difference between the two codes causes the
DAC_LATCH_MON_ERR flag to be set in the DIGITAL_DIAG_RESULTS register.
0x1
R/W
0: disable.
1: enable (default).
5
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
4
INVERSE_DAC_CHECK_EN
Enable check for DAC code vs. inverse DAC code error.
0x1
R/W
0: disable.
1: enable (default).
3
CAL_MEM_CRC_EN
Enable CRC of calibration memory on a calibration memory refresh.
0x1
R/W
0: disable.
1: enable (default).
2
FREQ_MON_EN
Enable the internal frequency monitor on the internal oscillator (MCLK).
0x1
R/W
0: disable.
1: enable (default).
1
Reserved
Reserved. Do not alter the default value of this bit.
0x0
R/W
0
SPI_CRC_EN
Enable SPI CRC function.
0x1
R/W
0: disable.
1: enable (default).
ADC Configuration Register
Address: 0x11, Reset: 0x110000, Name: ADC_CONFIG
This register configures the ADC into one of four modes of operation: key sequencing, automatic sequencing, single immediate
conversion of the currently selected ADC_IP_SELECT node, or single-key conversion.
Table 42. Bit Descriptions for ADC_CONFIG
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address. (Do not alter the default value.)
0x0
R
[15:11]
Reserved
Reserved.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com