Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 55 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD5758 Datasheet HTML 51Page - Analog Devices AD5758 Datasheet HTML 52Page - Analog Devices AD5758 Datasheet HTML 53Page - Analog Devices AD5758 Datasheet HTML 54Page - Analog Devices AD5758 Datasheet HTML 55Page - Analog Devices AD5758 Datasheet HTML 56Page - Analog Devices AD5758 Datasheet HTML 57Page - Analog Devices AD5758 Datasheet HTML 58Page - Analog Devices AD5758 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 55 of 72
DAC Input Register
Address: 0x01, Reset: 0x010000, Name: DAC_INPUT
Bits[D15:D0] consists of the 16-bit data to be written to the DAC. If the LDAC pin is tied low (that is, active), the DAC_INPUT register
contents are written directly to the DAC_OUTPUT register without any LDAC functionality dependence. If the LDAC pin is tied high,
the contents of the DAC_INPUT register are written to the DAC_OUTPUT register when the LDAC pin is brought low or when the
software LDAC command is written.
Table 28. Bit Descriptions for DAC_INPUT
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:0]
DAC_INPUT_DATA
DAC input data.
0x0
R/W
DAC Output Register
Address: 0x02, Reset: 0x020000, Name: DAC_OUTPUT
DAC_OUTPUT is a read only register and contains the latest calibrated 16-bit DAC output value. If a clear event occurs due to a WDT
fault, this register contains the clear code until the DAC is updated to another code.
Table 29. Bit Descriptions for DAC_OUTPUT
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:0]
DAC_OUTPUT_DATA
DAC output data. For example, the last calibrated 16-bit DAC output value.
0x0
R
Clear Code Register
Address: 0x03, Reset: 0x030000, Name: CLEAR_CODE
When writing to the CLEAR_CODE register, Bits[D15:D0] consist of the clear code to which the DAC clears on the occurrence of a clear
event (for example, a WDT fault). After a clear event, the DAC_INPUT register must be rewritten to with the 16-bit data to be written to
the DAC, even if it is the same data as previously written before the clear event. Performing an LDAC write (either hardware or software)
does not update the DAC_OUTPUT register to a new code until the DAC_INPUT register is first written to.
Table 30. Bit Descriptions for CLEAR_CODE
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:0]
CLEAR_CODE
Clear code. The DAC clears to this code upon a clear event, for example, a WDT fault.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com