Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 71 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD5758 Datasheet HTML 64Page - Analog Devices AD5758 Datasheet HTML 65Page - Analog Devices AD5758 Datasheet HTML 66Page - Analog Devices AD5758 Datasheet HTML 67Page - Analog Devices AD5758 Datasheet HTML 68Page - Analog Devices AD5758 Datasheet HTML 69Page - Analog Devices AD5758 Datasheet HTML 70Page - Analog Devices AD5758 Datasheet HTML 71Page - Analog Devices AD5758 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 71 of 72
DRIVING INDUCTIVE LOADS
Driving pure inductive loads while the AD5758 is in a current
output mode requires additional external components. Due to
the operation of the fault protection switch, connecting a pure
inductive load to the output causes a spike in voltage due to the
back electromagnetic force (EMF) from the inductor. This spike
can cause the fault protect switch to open and close indefinitely.
For example, if the load wire on the screw terminal disconnects,
a technician can reconnect the wire without disabling the AD5758
output. The reconnection of this wire onto a current output
introduces the voltage spike caused by the back EMF. To avoid
such issues, the inside of the fault protect switch on the AD5758
is available on the VIOUT_INT pin. Connecting a 300 Ω resistor from
VIOUT_INT to VIOUT bypasses the fault protection switch and avoids
the oscillations. The additional external components are required
to ensure that no oscillations occur when applying a current
step into the inductive load, for example, a full-scale step from
zero scale.
VIOUT
FPS_EN
VIOUT_INT
RESD
RSHUNT
CPIN
CSCREW
SCREW
TERMINAL
Figure 94. Required External Components for Driving an Inductive Load
The recommended external components are as follows:
RSHUNT = 300 Ω
CPIN = 20 nF
CSCREW = 10 nF
RESD = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com