Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 68 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD5758 Datasheet HTML 64Page - Analog Devices AD5758 Datasheet HTML 65Page - Analog Devices AD5758 Datasheet HTML 66Page - Analog Devices AD5758 Datasheet HTML 67Page - Analog Devices AD5758 Datasheet HTML 68Page - Analog Devices AD5758 Datasheet HTML 69Page - Analog Devices AD5758 Datasheet HTML 70Page - Analog Devices AD5758 Datasheet HTML 71Page - Analog Devices AD5758 Datasheet HTML 72Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 68 of 72
Bits
Bit Name
Description
Reset
Access
4
MAIN_DIE_TEMP_ERR
This bit flags an overtemperature error for the main die.
0x0
R/W-1-C
3
REFOUT_ERR
This bit flags that the REFOUT node is outside of the comparator threshold levels
or if its short-circuit current limit occurs.
0x0
R/W-1-C
2
REFIN_ERR
This bit flags that the REFIN node is outside of the comparator threshold levels.
0x0
R/W-1-C
1
INT_AVCC_ERR
This bit flags that the INT_AVCC node is outside of the comparator threshold
levels.
0x0
R/W-1-C
0
VLDO_ERR
This bit flags that the VLDO node is outside of the comparator threshold levels or if
its short-circuit current limit occurs.
0x0
R/W-1-C
Status Register
Address: 0x16, Reset: 0x100000, Name: Status
This register contains ADC data and status bits, as well as the WDT, OR'd analog and digital diagnostics, and the FAULT pin status bits.
Table 47. Bit Descriptions for Status
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
20
DIG_DIAG_STATUS
This bit represents the result of a logical OR of the contents of Bits[15:0] in the DIGITAL_
DIAG_RESULTS register, with the exception of the SLEW_BUSY bit. Therefore, if any of
these bits are high, the DIG_DIAG_STATUS bit is high. Note that this bit is high on
power-up due to the active RESET_OCCURRED flag. A quiet mode is also available
(SPI_DIAG_QUIET_EN in the GP_CONFIG1 register), such that the logical OR function
only incorporates Bits[D15:D3] of the DIGITAL_DIAG_RESULTS register (with the
exception of the SLEW_BUSY bit). If an SPI CRC, SPI slip bit, or SCLK count error occurs,
the DIG_DIAG_STATUS bit is not set high.
0x1
R
19
ANA_DIAG_STATUS
This bit represents the result of a logical OR of the contents of Bits[13:0] in the
ANALOG_DIAG_RESULTS register. Therefore, if any bit in this register is high, the
ANA_DIAG_STATUS bit is high.
0x0
R
18
WDT_STATUS
WDT status bit.
0x0
R
17
ADC_BUSY
ADC busy status bit.
0x0
R
[16:12]
ADC_CH
Address of the ADC channel represented by the ADC_DATA bits in the status register.
0x0
R
[11:0]
ADC_DATA
12 bits of ADC data representing the converted signal addressed by the ADC_CH bits,
Bits[4:0].
0x0
R
Chip ID Register
Address: 0x17, Reset: 0x170101, Name: CHIP_ID
This register contains the silicon revision ID of both the main die and the dc-to-dc die.
Table 48. Bit Descriptions for CHIP_ID
Bits
Bit Name
Description
Reset
Access
21
FAULT_PIN_STATUS
The FAULT_PIN_STATUS bit reflects the inverted current status of the FAULT pin.
0x0
R
[20:16]
REGISTER_ADDRESS
Register address.
0x0
R
[15:11]
Reserved
Reserved.
0x0
R0
[10:8]
DCDC_DIE_CHIP_ID
These bits reflect the silicon revision number of the dc-to-dc die.
0x1
R
[7:0]
MAIN_DIE_CHIP_ID
These bits reflect the silicon revision number of the main die.
0x1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com