Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 57 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD5758 Datasheet HTML 53Page - Analog Devices AD5758 Datasheet HTML 54Page - Analog Devices AD5758 Datasheet HTML 55Page - Analog Devices AD5758 Datasheet HTML 56Page - Analog Devices AD5758 Datasheet HTML 57Page - Analog Devices AD5758 Datasheet HTML 58Page - Analog Devices AD5758 Datasheet HTML 59Page - Analog Devices AD5758 Datasheet HTML 60Page - Analog Devices AD5758 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
Data Sheet
AD5758
Rev. 0 | Page 57 of 72
Bits
Bit Name
Description
Reset
Access
[12:9]
SR_CLOCK
Slew rate clock. Slew rate clock defines the rate at which the digital slew is updated.
0x6
R/W
0000: 240 kHz.
0001: 200 kHz.
0010: 150 kHz.
0011: 128 kHz.
0100: 64 kHz.
0101: 32 kHz.
0110: 16 kHz (default).
0111: 8 kHz.
1000: 4 kHz.
1001: 2 kHz.
1010: 1 kHz.
1011: 512 Hz.
1100: 256 Hz.
1101: 128Hz.
1110: 64 Hz.
1111: 16 Hz.
8
SR_EN
Enable slew rate control.
0x0
R/W
0: disable (default).
1: enable.
7
RSET_EXT_EN
Enable external current setting resistor.
0x0
R/W
0: select internal RSET resistor (default).
1: select external RSET resistor.
6
OUT_EN
Enable VIOUT.
0x0
R/W
0: disable VIOUT output (default).
1: enable VIOUT output.
5
INT_EN
Enable internal buffers.
0x0
R/W
0: disable (default).
1: enable. Setting this bit powers up the DAC and internal amplifiers. Setting this bit
does not enable the output. It is recommended to set this bit and allow a >200 μs
delay before enabling the output. This delay results in a reduced output enable glitch.
4
OVRNG_EN
Enable 20% voltage overrange.
0x0
R/W
0: disable (default).
1: enable.
[3:0]
Range
Select output range. Note that changing the contents of the range bits initiates an
internal calibration memory refresh and, therefore, a subsequent SPI write must not be
performed until the CAL_MEM_UNREFRESHED bit in the DIGITAL_DIAG_RESULTS register
returns to 0. Writes to invalid range codes are ignored.
0x0
R/W
0000: 0 V to 5 V voltage range (default).
0001: 0 V to 10 V voltage range.
0010: ±5 V voltage range.
0011: ±10 V voltage range.
1000: 0 mA to 20 mA current range.
1001: 0 mA to 24 mA current range.
1010: 4 mA to 20 mA current range.
1011: ±20 mA current range.
1100: ±24 mA current range.
1101: −1 mA to +22 mA current range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com