Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 30 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD5758 Datasheet HTML 26Page - Analog Devices AD5758 Datasheet HTML 27Page - Analog Devices AD5758 Datasheet HTML 28Page - Analog Devices AD5758 Datasheet HTML 29Page - Analog Devices AD5758 Datasheet HTML 30Page - Analog Devices AD5758 Datasheet HTML 31Page - Analog Devices AD5758 Datasheet HTML 32Page - Analog Devices AD5758 Datasheet HTML 33Page - Analog Devices AD5758 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 30 of 72
Dynamic Power Control (DPC)
In this mode, the AD5758 circuitry senses the output voltage
and dynamically regulates the supply voltage, VDPC+, to meet
compliance requirements plus an optimized headroom voltage
for the output buffer.
Programmable Power Control (PPC)
In this mode, the VDPC+ voltage is user-programmable to a fixed
level that needs to accommodate the maximum output load
required.
Output Voltage Settling Time
Output voltage settling time is the amount of time it takes for the
output to settle to a specified level for a full-scale input change.
This specification depends on the manner in which the DPC
feature is configured (enabled, disabled, PPC mode enabled)
and on the characteristics of the external dc-to-dc inductor and
capacitor components used.
Slew Rate
The slew rate of a device is a limitation in the rate of change
of the output voltage. The output slewing speed of a voltage
output DAC is usually limited by the slew rate of the amplifier
used at its output. Slew rate is measured from 10% to 90% of the
output signal and is expressed in V/μs.
Power-On Glitch Energy
Power-on glitch energy is the impulse injected into the analog
output when the AD5758 is powered on. It is specified as the
area of the glitch in nV-sec.
Digital-to-Analog Glitch Energy
Digital-to-analog glitch energy is the energy of the impulse injected
into the analog output when the input code in the DAC output
register changes state. It is normally specified as the area of the
glitch in nV-sec. Worst case is usually when the digital input
code is changed by 1 LSB at the major carry transition (0x7FFF
to 0x8000).
Glitch Impulse Peak Amplitude
Glitch impulse peak amplitude is the peak amplitude of the
impulse injected into the analog output when the input code in
the DAC output register changes state. It is specified as the amp-
litude of the glitch in millivolts and the worst case is usually
when the digital input code is changed by 1 LSB at the major
carry transition (0x7FFF to 0x8000).
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into
the analog output of the DAC from the digital inputs of the
DAC but is measured when the DAC output is not updated
(LDAC pin is held high). It is specified in nV-sec and measured
with a full-scale code change on the data bus.
Power Supply Rejection Ratio (PSRR)
PSRR indicates how the output of the DAC is affected by changes
in the power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com