| Electronic Components Datasheet Search |
|
AD5758 Datasheet(PDF) 51 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5758 Datasheet(HTML) 51 Page - Analog Devices |
|
51 / 72 page ![]() Data Sheet AD5758 Rev. 0 | Page 51 of 72 Shared SYNC Autostatus Readback Mode The shared SYNC autostatus readback is a special version of the autostatus readback mode used to avoid SDO bus contention when multiple AD5758 devices are sharing the same SYNC line (whereby AD5758 devices are distinguished from each other using the hardware address pins). After each valid write to a device, a flag is set. On the subsequent falling edge of SYNC, the flag is cleared. This mode behaves in a similar manner to the normal autostatus readback mode, except that the device does not output the status register contents on SDO when SYNC goes low, unless the internal flag is set (that is, the previous SPI write was valid). Refer to the example shown in Figure 90. The shared SYNC autostatus readback mode can be configured via the READBACK_MODE bits in the two stage readback select register (see the Two Stage Readback Select Register section). Echo Mode Echo mode behaves in a similar manner to the autostatus readback mode, except that every second readback consists of an echo of the previous command written to the AD5758. Echo mode is useful for checking which SPI instruction was received in the previous SPI frame. Echo mode can be configured via the READBACK_MODE bits in the two stage readback select register (see the Two Stage Readback Select Register section). SYNC ASSUME SHARED SYNC AUTOSTATUS READBACK IS ALREAD Y ENABLED FOR BOTH DUTS SDI SDO SCLK 24/ 32 1 24/ 32 1 VALID WR TO DUT 0 24/ 32 1 24/ 32 1 DUT 0 FLAG SET VALID WR TO DUT 1 DUT 1 FLAG SET INVALID WR TO DUT 0 VALID WR TO DUT 0 DUT 0 STATUS REG DUT 1 STATUS REG NO FLAG SET DUT 0 FLAG SET 24/ 32 1 DUT 0 STATUS REG VALID WR TO DUT 1 DUT 1 FLAG SET Figure 90. Shared SYNC Autostatus Readback Example PREVIOUS COMMAND STATUS REGISTER CONTENTS PREVIOUS COMMAND Figure 91. SDO Contents—Echo Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |