Electronic Components Datasheet Search
  English  ▼

X  

AD5758 Datasheet(PDF) 64 Page - Analog Devices

Part # AD5758
Description  Single-Channel, 16-Bit Current and Voltage Output DAC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5758 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD5758 Datasheet HTML 60Page - Analog Devices AD5758 Datasheet HTML 61Page - Analog Devices AD5758 Datasheet HTML 62Page - Analog Devices AD5758 Datasheet HTML 63Page - Analog Devices AD5758 Datasheet HTML 64Page - Analog Devices AD5758 Datasheet HTML 65Page - Analog Devices AD5758 Datasheet HTML 66Page - Analog Devices AD5758 Datasheet HTML 67Page - Analog Devices AD5758 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 72 page
background image
AD5758
Data Sheet
Rev. 0 | Page 64 of 72
Bits
Bit Name
Description
Reset
Access
[10:8]
SEQUENCE_COMMAND
ADC sequence command bits.
0x0
R/W
000: set the depth of the sequencer. The contents of the SEQUENCE_DATA bits
correspond to the depth of the sequencer (000 = 1 channel, 001 = 2 channels, …,
111 = 8 channels).
001: set the channel SEQUENCE_DATA[2:0] with the ADC input, ADC_IP_SELECT[4:0].
010: enable/disable key sequencer mode, depending on the contents of the
SEQUENCE_DATA[2:0] bits. SEQUENCE_DATA[2:0] = 001: enables the key sequencer.
SEQUENCE_DATA[2:0] ≠ 001: disables the key sequencer.
011: enable/disable automatic sequencer mode, depending on the contents of the
SEQUENCE_DATA[2:0] bits. SEQUENCE_DATA[2:0] = 001: enables the automatic
sequencer. SEQUENCE_DATA[2:0] ≠ 001: disables the automatic sequencer.
100: initiate a single conversion on the ADC_IP_SELECT (Bits[4:0]) input; this disables
autosequencing. The SEQUENCE_DATA bits, Bits[2:0], are not applicable for this
command.
101: set up the ADC for future individual ADC conversions (if not using the key
sequencer) using the 0x1ADC key code. The SEQUENCE_DATA bits, Bits[2:0], are not
applicable for this command.
110: reserved (do not select this option).
111: reserved (do not select this option).
[7:5]
SEQUENCE_DATA
The function of the contents of this field is dependent on the command being
issued by the SEQUENCE_COMMAND bits.
0x0
R/W
[4:0]
ADC_IP_SELECT
Select which node to multiplex to the ADC. All unlisted 5-bit codes are reserved
and return an ADC result of zero.
0x0
R/W
00000: main die temperature.
00001: dc-to-dc die temperature.
00010: reserved (do not select this option).
00011: REFIN. The INT_EN bit in the DAC_CONFIG register must be set for the REFIN
buffer to be powered up and this node to be available to the ADC.
00100: REF2; internal 1.23 V reference voltage.
00101: reserved (do not select this option).
00110: reserved (do not select this option).
01100: reserved (do not select this option).
01101: voltage on the +VSENSE buffer output.
01110: voltage on the −VSENSE buffer output
10000: reserved (do not select this option).
10001: reserved (do not select this option).
10010: reserved (do not select this option).
10011: reserved (do not select this option).
10100: INT_AVCC.
10101: VLDO.
10110: VLOGIC.
10111: Internal current monitor output voltage. The output range of this node is
0 V to 2 V.
11000: REFGND.
11001: AGND.
11010: DGND.
11011: VDPC+.
11100: AVDD2.
11101: AVSS.
11110: dc-to-dc die node; configured in the DCDC_CONFIG2 register.
11111: REFOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com