Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 29Page - Texas Instruments TMS28F033 Datasheet HTML 30Page - Texas Instruments TMS28F033 Datasheet HTML 31Page - Texas Instruments TMS28F033 Datasheet HTML 32Page - Texas Instruments TMS28F033 Datasheet HTML 33Page - Texas Instruments TMS28F033 Datasheet HTML 34Page - Texas Instruments TMS28F033 Datasheet HTML 35Page - Texas Instruments TMS28F033 Datasheet HTML 36Page - Texas Instruments TMS28F033 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
switching characteristics over recommended ranges of supply voltage and ambient temperature
range, synchronous reads with asynchronous OE operations (see Figure 20)
PARAMETER
3.3-V VDDE
RANGE
5-V VDDE
RANGE
UNITS
MIN
MAX
MIN
MAX
tGLQD
OE low to data bus driven
0
0
ns
DCR[7:6] = 00
TBD
TBD
ns
tGLQV
OE low to data valid
DCR[7:6] = 01
TBD
TBD
ns
DCR[7:6] = 1X
TBD
TBD
ns
tGHQX
OE high to data invalid
TBD
TBD
ns
tGHQZ
OE high to data high Z
TBD
TBD
ns
timing requirements over recommended ranges of supply voltage and ambient temperature range,
synchronous write/erase operations (see Figure 22, Figure 24, and Figure 25)
3.3-V VDDE
RANGE
5-V VDDE
RANGE
UNITS
MIN
MAX
MIN
MAX
tCHEH
Hold time, E from CLK high
TBD
TBD
ns
tCHRH
Hold time, WR from CLK high
3
3
ns
tCHWH
Hold time, WE from CLK high
2
2
ns
tCHDX
Hold time, CLK high to data
3
3
ns
tYHVL
Hold time, VPP from RY/BY high
0
0
ns
tCHYH1
Duration of double-word/word write operation
TBD
TBD
TBD
TBD
ns
tCHYH2
Duration of double-word/word write operation in low-power programming (LPP)
mode
TBD
TBD
TBD
TBD
ns
tCHYH3
Duration of block-erase operation
TBD
TBD
TBD
TBD
ns
tCHYH4
Duration of block-erase operation in LPP mode
TBD
TBD
TBD
TBD
ns
tELCH
Setup time, E to CLK high
TBD
TBD
ns
tRLCH
Setup time, WR to CLK high
10
10
ns
tWLCH
Setup time, WE to CLK high
9
9
ns
tDVCH
Setup time, data to CLK high
10
10
ns
tVHCH
Setup time, VPP to LBA/CLK high
TBD
TBD
ns
tCHYL
CLK high to RY/BY low
TBD
TBD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com