Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 42Page - Texas Instruments TMS28F033 Datasheet HTML 43Page - Texas Instruments TMS28F033 Datasheet HTML 44Page - Texas Instruments TMS28F033 Datasheet HTML 45Page - Texas Instruments TMS28F033 Datasheet HTML 46Page - Texas Instruments TMS28F033 Datasheet HTML 47Page - Texas Instruments TMS28F033 Datasheet HTML 48Page - Texas Instruments TMS28F033 Datasheet HTML 49Page - Texas Instruments TMS28F033 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
VPPL
VPPH
18
17
16
15
14
13
12
11
XXXXXh
FFh
9
8
7
5
3
PA
46
2
1
XXXXXh
CLK
A–1–A16 (word-wide)
A0–A16 (double-word-
wide)
E
WR
Asynchronous WE
Data
LBA
BAA
OE
RY/BY
QV
DQ0–DQ7 and
DQ24–DQ31
(word-wide)
DQ0–DQ31
(double-word-wide)
VPP
RP
40h or 04h
10
Valid SR
tWHYH1, 2
tVHWH
tWHDX
tDVWH
tYHVL
tWH
tWHWH
tWL
tAVWH
tWHAX
tWHEH
tELWL
Write Program-
Setup Command
Write Valid
Address and Data
Automated Word/
Double-Word
Programming
Read Status-
Register Bits
Write Read-Array
Command
Hi-Z
Hi-Z
Hi-Z
tWHYL
BASIC/ENHANCED
PIN SET
DCR0
OE
MODE
DCR1
WE
MODE
DCR2
DIS/WORD
DCR3
LRV/BAA
DCR4
BURST
LENGTH
DCR25,24
BURST
LATENCY (X)
DCR29,28
BURST
LATENCY (Y)
DCR30
x16 WRITE
OPTION
DCR31
Basic pin set (DCR0 = 0)
0
1
(see Note D)
Optional
X
(see Note E)
XX
XX
X
0
(see Note F)
Enhanced pin set (DCR0 = 1)
0
1
(see Note D)
Optional
X
(see Note E)
XX
XX
X
0
(see Note F)
NOTES: A. X is a don’t care. PA is the address to be programmed.
B. See Table 8 for DCR setting descriptions.
C. For asynchronous writes, the address and data/command are latched on the WE rising edge.
D. For synchronous two-cycle write timing (DCR2 = 0), see Figure 22.
E. For LRV usage (DCR4 = 0), see Figure 4; and for DCR4 = 1, see Figure 5.
F. When using the 16-bit data bus (DCR3 = 1 and WORD = VIL), both two-cycle writes (DCR31 = 0) and three-cycle writes (DCR31 = 1) are available. For
asynchronous three-cycle writes, the “write valid address and data” cycle is repeated for the second 16-bit data segment.
Figure 23. Asynchronous Write-Cycle Timing (Two-Cycle Write) With Device Configuration Register Settings
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com