Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 27Page - Texas Instruments TMS28F033 Datasheet HTML 28Page - Texas Instruments TMS28F033 Datasheet HTML 29Page - Texas Instruments TMS28F033 Datasheet HTML 30Page - Texas Instruments TMS28F033 Datasheet HTML 31Page - Texas Instruments TMS28F033 Datasheet HTML 32Page - Texas Instruments TMS28F033 Datasheet HTML 33Page - Texas Instruments TMS28F033 Datasheet HTML 34Page - Texas Instruments TMS28F033 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
31
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
IOL
IOH
Output
Under
Test
CL
VZ
(see Note A)
VIH
VIL
VOL
VOH
Voltage Waveforms
NOTES: A. CL includes probe and fixture capacitance.
B. AC test conditions are driven at VIH and VIL. Timing measurements are made at VOH and VOL levels on both inputs and outputs.
Refer to Table 16 for values based on VDDE operating range.
Figure 10. Load Circuit and Voltage Waveforms
Table 15. AC Test Conditions
VDDE RANGE
IOL
(mA)
IOH
(mA)
VZ†
(V)
VOL
(V)
VOH
(V)
VIL
(V)
VIH
(V)
CL
(pF)
tf
(ns)
tr
(ns)
5 V
± 10%
1.0
–1.0
1.4
0.8
2.0
0.45
2.4
70
< 5
< 5
3.3 V
± 0.3V
1.0
–1.0
1.4
0.8
2.0
0.45
2.4
70
< 5
< 5
† VZ is the measured value used to detect the high-impedance state.
Table 16. Timing Nomenclature
SYMBOL
PIN CHARACTERS
SYMBOL
PIN CONDITION
A
Address Inputs
H
High
C
Clock (CLK)
L
Low
D
Data Inputs
X
Not valid
Q
Data Outputs
Z
High impedance
E
E (Chip Enable)
V
Valid
G
OE (Output Enable)
D
Driven
W
WE (Write Enable)
P
RP (Reset/Power-Down)
Y
RY/BY (Ready/Busy)
L
LBA (Load Burst Address)
B
BAA (Burst Address Advance)
S
DIS (Disable Output)
R
WR (Write)
V
VPP (Write/Erase Power Supply)
5
VDDI (Internal Power Supply)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com