Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 20Page - Texas Instruments TMS28F033 Datasheet HTML 21Page - Texas Instruments TMS28F033 Datasheet HTML 22Page - Texas Instruments TMS28F033 Datasheet HTML 23Page - Texas Instruments TMS28F033 Datasheet HTML 24Page - Texas Instruments TMS28F033 Datasheet HTML 25Page - Texas Instruments TMS28F033 Datasheet HTML 26Page - Texas Instruments TMS28F033 Datasheet HTML 27Page - Texas Instruments TMS28F033 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
BUS
OPERATION
COMMAND
COMMENTS
Write
Write program
setup
Data = 40h for main array or 04h for
overlay block
Addr = 00000h for synchronous WE
or XXXXXh for
asynchronous WE
Write
Write
Data = First x16 word to be
programmed
Addr = A–1 (see Table 3)
Write
Write
Data = Second x16 word to be
programmed
Addr = Address of x16 word to be
programmed
Read
Status-register data. Status register is
updated on each rising clock.
Wait
Check SB7
1 = Ready, 0 = Busy
Repeat for subsequent words.
Write read-array command after the last word-program operation to
reset the device to read-array mode.
BUS
OPERATION
COMMAND
COMMENTS
Wait
Check SB3
1
=
Detect VPP low
(see Note B)
Wait
Check SB4
1
=
Detect LRV low
(see Note C)
Wait
Check SB5
1
=
Word-program error
(see Note C)
NOTES: A. Full status-register check can be done after each word or after a sequence of words.
B. SB3 must be cleared before attempting additional program / erase operations.
C. SB4 and SB5 are cleared only by the clear-status-register command, but this does not prevent additional program operation
attempts.
Figure 6. Automated x16 Word-Programming Flowchart With Three-Cycle Write (DCR4 = 0)
Start
Issue Program-Setup
Command and Address
Issue First x16-Word Data
and Address A–1
Read Status-Register Bits
SB7 = 1
?
No
Yes
Full Status-Register Check
(optional)
Word-Program Completed
FULL STATUS-REGISTER-CHECK FLOW
Issue Second x16-Word Data
and Address
See Note A
Read Status-Register Bits
SB3 = 0
?
No
No
VPP Range Error
Word-Program Failed
Yes
Yes
Word-Program Passed
SB5 = 0
?
SB4 = 0
?
No
LRV Detected
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com