Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 5 Page - Texas Instruments

  TMS28F033 Datasheet HTML 1Page - Texas Instruments TMS28F033 Datasheet HTML 2Page - Texas Instruments TMS28F033 Datasheet HTML 3Page - Texas Instruments TMS28F033 Datasheet HTML 4Page - Texas Instruments TMS28F033 Datasheet HTML 5Page - Texas Instruments TMS28F033 Datasheet HTML 6Page - Texas Instruments TMS28F033 Datasheet HTML 7Page - Texas Instruments TMS28F033 Datasheet HTML 8Page - Texas Instruments TMS28F033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
5
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE†
DESCRIPTION
VPP
S
Write/erase power supply. VPP is the 12-V power supply for the write/erase operations.
VDDI
S
Internal power supply. VDDI is the 5-V power supply for the internal logic.
VDDE
S
External power supply. VDDE is the 3.3-V/5-V power supply for the inputs and outputs.
VSSE
S
Output ground. VSSE is the ground for the outputs DQ0 – DQ31, RY/BY, and QV.
VSSI
S
Input ground. VSSI is the ground for both the inputs and internal logic.
NC
No connect. These pins are left unconnected inside the memory chip.
† I = input, O = output, OD = open drain, S = power supply
architecture
The TMS28F033 uses a blocked architecture to allow independent erasure of selected memory blocks. The
block to be erased is selected by using any valid address within the block. Figure 1 and Figure 2 show the
memory maps for the two configurations.
main memory
The TMS28F033 main memory is configurable to either three blocks (DCR5 = 0) or four blocks (DCR5 = 1), see
Table 1, and Figure 1 and Figure 2.
Address
Range
x16 Configuration
A–1 is LSB
Address
Range
x32 Configuration
A0 is LSB
3FFFFh
Block 2
1FFFFh
Block 2
30000h
Block 2
64K Addresses
18000h
Block 2
32K Addresses
2FFFFh
Block 1
17FFFh
Block 1
08000h
Block 1
160K Addresses
04000h
Block 1
80K Addresses
07FFFh
Bl
k 0
03FFFh
Bl
k 0
02FFFh
00000h
Overlay Block
12K Addresses
Block 0
32K Addresses
017FFh
00000h
Overlay Block
6K Addresses
Block 0
16K Addresses
Figure 1. TMS28F033 With Three-Block Main-Array Memory Map (DCR5 = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com