Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 17Page - Texas Instruments TMS28F033 Datasheet HTML 18Page - Texas Instruments TMS28F033 Datasheet HTML 19Page - Texas Instruments TMS28F033 Datasheet HTML 20Page - Texas Instruments TMS28F033 Datasheet HTML 21Page - Texas Instruments TMS28F033 Datasheet HTML 22Page - Texas Instruments TMS28F033 Datasheet HTML 23Page - Texas Instruments TMS28F033 Datasheet HTML 24Page - Texas Instruments TMS28F033 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
TMS28F033
4194304-BIT
SYNCHRONOUS FLASH MEMORY
SMJS833 – NOVEMBER 1997
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
reduced power mode
The command F0h, when written to the CSM, puts TMS28F033 in reduced-power mode (not to be confused
with RP). This mode is used when the chip-enable, E, input is not used and reduced power consumption is
needed. However, the device does not have its outputs disabled; instead, it can respond to any CSM command
at any time and then its power comes back up. When in reduced power mode, the outputs are still OE-controlled.
RP input (reset/deep power-down mode)
When RP is high, the memory functions normally. When RP goes low, any CSM activity is terminated
immediately. While RP is low, the memory does not respond to read requests and does not accept write
commands. When RP goes high, the memory is reinitialized and prepared for normal operation (read mode),
and sets/clears OBEB based on VPP (see Table 3).
low-power-program mode
Low-power-program mode is activated by entering the command code 60h. The low-power-programming mode
enable/disable is a single-cycle command that toggles the state of the LPM bit in the status register. Depending
on the LPM status register bit (see Table 7), the WSM programs by bytes (low-power mode) or by words (normal
mode) (see Table 5 for CSM command).
low regulator voltage (LRV)
LRV is selected for use by setting DCR4 = 0. This signal can be generated by an external power supply monitor
and should go low when VPP is out of regulation (VPP ≤ VPPH). The WSM periodically samples the LRV input
during erasing and programming. When LRV goes low, the status register SB4 is set, providing a more accurate
monitor of VPP than the VPP status bit (SB3).
pipelining
This device supports efficient bus usage by latching the address on the first clock cycle of a read operation, and
then delaying the data phase (delay bringing OE low), thereby allowing the address and data buses to be used
by other parts of the system.
overlapping data and address phases
The address and data phases of consecutive synchronous read or write operations can be overlapped by one
or more clock cycles. This is done by bringing LBA low to latch a new address before the completion of the data
phase of the current cycle. For overlapping synchronous single reads, and overlapping synchronous single
reads with writes, see Figure 27. For overlapping burst reads, see Note C in Figure 14 and Figure 15. For
overlapping synchronous write cycles, see Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com