Electronic Components Datasheet Search
  English  ▼

X  

TMS28F033 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS28F033
Description  4194304-BIT SYNCHRONOUS FLASH MEMORY
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F033 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS28F033 Datasheet HTML 39Page - Texas Instruments TMS28F033 Datasheet HTML 40Page - Texas Instruments TMS28F033 Datasheet HTML 41Page - Texas Instruments TMS28F033 Datasheet HTML 42Page - Texas Instruments TMS28F033 Datasheet HTML 43Page - Texas Instruments TMS28F033 Datasheet HTML 44Page - Texas Instruments TMS28F033 Datasheet HTML 45Page - Texas Instruments TMS28F033 Datasheet HTML 46Page - Texas Instruments TMS28F033 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
18
17
16
15
14
13
12
11
10
9
D0
D3
D1
D2
8
7
A1
6
5
4
3
2
1
A0
CLK
A–1–A16 (word-wide)
A0–A16 (double-word-wide)
E
WR
WE
LBA
D3
D2
D1
D0
BAA
Asynchronous OE
DQ0–DQ7 and
DQ24–DQ31 (word-wide)
DQ0–DQ31
(double-word-wide)
QV
RP
RY/BY
VDDI/VDDE
tGLQV
tGLQD
tGHQX
tGHQZ
BASIC/ENHANCED
PIN SET
DCR0
OE
MODE
DCR1
WE
MODE
DCR2
DIS/WORD
DCR3
LRV/BAA
DCR4
BURST
LENGTH
DCR25,24
BURST
LATENCY (X)
DCR29,28
BURST
LATENCY (Y)
DCR30
x16 WRITE
OPTION
DCR31
Basic pin set (DCR0 = 0)
1
(see Note E)
X
Optional
1
(see Note F)
00
(see Note G)
01
(see Note H)
0
(see Note H)
X
Enhanced pin set (DCR0 = 1)
0
(see Note E)
X
Optional
1
(see Note F)
00
(see Note G)
01
(see Note H)
0
(see Note H)
X
NOTES: A. X is a don’t care.
B. See Table 8 through Table 12 for DCR setting descriptions.
C. Address A1 can be loaded as early as clock 5 for overlapped burst reads.
D. Linear burst with the enhanced pin set requires LBO=VIL.
E. For synchronous OE burst reads see Figure 14 through Figure 19, and Figure 21.
F. For asynchronous OE (DCR1 = 1), BAA is required to burst.
G. 3–1– . . . –1 is available with MOD4, MOD8, MOD16 (see Figure 17), and MOD32.
H. Linear MOD4 burst is available with 3–1–1–1, 4–1–1–1, 5–1–1–1, and 4–2–2–2 (see Figure 19).
Figure 20. 3–1–1–1 MOD4 Linear Burst (Asynchronous OE) With Device Configuration Register Settings
ADVANCE INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com